Electronic Components Datasheet Search
  English  ▼

X  

RG403 Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG403
Description  RG403 Triaxial Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG403 Datasheet(HTML) 1 Page - Multicomp Pro

  RG403 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
03/04/20
RG403 Triaxial Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Item
Material
Diameter (mm)
Inner Conductor
Silver plated copper clad steel
7 × 0.10 ±0.02
Dielectric
PTFE
0.86 ±0.05
Inner Shield
95% Silver Plated Copper Braid
1.26 ±0.05
Inner Jacket
FEP
1.88 ±0.05
Outer Shield
95% Silver Plated Copper Braid
2.29 ±0.05
Outer Jacket
FEP
2.95 ±0.05
Construction
Capacitance
96.5pF/m
Impedance
50Ω ±2Ω
Velocity of Propagation
69.5%
Conductor DCR
800.5Ω/km
Outer Shield DCR
21.3Ω/km
Max Operating Frequency
10
Max Operating Voltage
1500 RMS
Spark Test
2000 Vrms
Operating Temp Range
-55°C to 200°C
Electrical Characteristics
Frequency
(MHz)
Max Attenuation
(dB/100m)
100
45.3
400
91.2
1000
145
3000
257
Attenuation & Average Power (@ 20°C & Sea Level)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Triaxial Cable, RG403, FEP,Transparent Brown, 500m
RG403


Similar Part No. - RG403

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
RG400 QUALWAVE-RG400 Datasheet
123Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.4
logo
Pasternack Enterprises,...
RG400-U PASTERNACK-RG400-U Datasheet
281Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
logo
Infinite Electronics In...
RG400-U FAIRVIEW-RG400-U Datasheet
438Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
REV 1.0A
RG400-U-BULK FAIRVIEW-RG400-U-BULK Datasheet
293Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
REV A
logo
List of Unclassifed Man...
RG401 ETC2-RG401 Datasheet
26Kb / 1P
Coax Cable
More results

Similar Description - RG403

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
Glenair, Inc.
M24758-10-16-01 GLENAIR-M24758-10-16-01 Datasheet
81Kb / 2P
Triaxial Connectors
logo
Pomona Electronics
5054 POMONA-5054 Datasheet
19Kb / 1P
Triaxial Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
Triaxial Cable Assembly Male Both Ends, 3 Lug
3600 POMONA-3600 Datasheet
33Kb / 3P
Assembly Instructions Triaxial Cable Plug
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
logo
List of Unclassifed Man...
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
logo
TEKTRONIX, INC.
2450-TRX-BAN TEKTRONIX-2450-TRX-BAN Datasheet
1Mb / 6P
Triaxial to Banana Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com