Electronic Components Datasheet Search
  English  ▼

X  

AP2N04I Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2N04I
Description  40V N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N04I Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2N04I Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N04I Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N04I Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N04I Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N04I Datasheet HTML 5Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP2N04I
40V N-Channel Enhancement Mode MOSFET
AP2N04I REV1.0
永源微電子科技有限公司
Description
The AP2N04I uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 40V ID =2A
RDS(ON) < 180mΩ @ VGS=10V (Type:128mΩ)
Application
Wireless charging
Boost driver
LED
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2N04I
SOT23L
2N04
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
2
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
1.9
A
IDM
Pulsed Drain Current2
6
A
EAS
Single Pulse Avalanche Energy3
1.5
mJ
PD@TA=25℃
Total Power Dissipation4
1.67
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
125
℃
/W
RθJC
Thermal Resistance Junction-Case1
60
℃
/W


Similar Part No. - AP2N04I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2N000SZBE ETC2-AP2N000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
C&K Components
AP2N000TZBE CK-COMPONENTS-AP2N000TZBE Datasheet
339Kb / 6P
Industrial Pushbutton Switch
logo
List of Unclassifed Man...
AP2N001SZBE ETC2-AP2N001SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
Advanced Power Electron...
AP2N025N A-POWER-AP2N025N Datasheet
108Kb / 6P
Surface Mount Package
logo
A POWER MICROELECTRONIC...
AP2N02AK APME-AP2N02AK Datasheet
726Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP2N04I

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com