Electronic Components Datasheet Search
  English  ▼

X  

AP2N20MI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2N20MI
Description  200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N20MI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2N20MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N20MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N20MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N20MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N20MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N20MI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N20MI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2N20MI
200V N-Channel Enhancement Mode MOSFET
永源微电
AP2N20MI
RVE3.5
子科技有限公司
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID
=250μA
200
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=200V,VGS=0V
-
-
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V,VDS=0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID
=250μA
1.0
-
3.0
V
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=2A
-
1400
1800
mΩ
gFS
Forward Transconductance
VDS=15V,ID=2A
-
8
-
S
Clss
Input Capacitance
VDS=25V,VGS=0V,
F=1.0MHz
-
580
-
PF
Coss
Output Capacitance
-
90
-
PF
Crss
Reverse Transfer Capacitance
-
3
-
PF
td(on)
Turn-on Delay Time
VDD=100V, RL
=15Ω
VGS=10V,RG
=2.5Ω
-
10
-
nS
tr
Turn-on Rise Time
-
12
-
nS
td(off)
Turn-Off Delay Time
-
15
-
nS
tf
Turn-Off Fall Time
-
15
-
nS
Qg
Total Gate Charge
VDS=100V,ID=2A,
VGS=10V
-
12
nC
Qgs
Gate-Source Charge
-
2.5
-
nC
Qgd
Gate-Drain Charge
-
3.8
-
nC
VSD
Diode Forward Voltage (Note 3)
VGS=0V,IS=2A
-
-
1.2
V
IS
Diode Forward Current (Note 2)
-
-
2
A
Notes:
1、Repetitive Rating: Pulse width limited by maximum junction temperature.
2、
Surface Mounted on FR4 Board, t ≤ 10 sec.
3、
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4、Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com