Electronic Components Datasheet Search
  English  ▼

X  

AP2N30MI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2N30MI
Description  300V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N30MI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2N30MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N30MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N30MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N30MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N30MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N30MI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N30MI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2N30MI
300V N-Channel Enhancement Mode MOSFET
AP2N30MI RVE1.1
永源微電子科技有限公司
Description
The AP2N30MI is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 300V ID =2A
RDS(ON) < 4000mΩ @ VGS=10V (Type:3000mΩ)
Application
LED
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2N30MI
SOT23-3L
300
MC3-2A
0
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
300
V
ID
Continuous Drain Current
2
A
IDM
Pulsed Drain Current
(note1)
12
A
VGS
Gate-Source Voltage
±25
V
EAS
Single Pulse Avalanche Energy (note2)
30
mJ
PD
Power Dissipation (TC = 25ºC)
35.2
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
3.55
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
125
ºC/W


Similar Part No. - AP2N30MI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2N300SZBE ETC2-AP2N300SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
AP2N301SZBE ETC2-AP2N301SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
More results

Similar Description - AP2N30MI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
300V N-Channel MOSFET
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
logo
Supertex, Inc
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
Shenzhen Huazhimei Semi...
HM5N30K HMSEMI-HM5N30K Datasheet
1Mb / 6P
300V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com