Electronic Components Datasheet Search
  English  ▼

X  

MSSI121-2 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSSI121-2
Description  12 Instant Voice VROM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSSI121-2 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSSI121-2 Datasheet HTML 1Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/1
(PID 224B 04/96)
MSSI121
12" Instant Voice VROM
April 1996
See 15-page data sheet PID 224B 04/95 for details which belongs to MSSI241.
Taiwan
#1, Creation Road I,
Science - based Industrial Park,
Hsinchu, 30077
Taiwan, ROC
"audio_reply @ccmail.mosel.com.tw"
TEL: 886-3-5770055
FAX: 886-3-5772788
FAX: 886-3-5784732
Taipei
7F, #102 Sec. 3,
Ming Chung E. Road,
Taipei,105
Taiwan, ROC
TEL: 886-2-5451213
FAX: 886-2-5451214
Hongkong
#19 Dai
Fu Street,
Taipo Industrial Estate,
Taipo, N.T.
Hongkong
TEL: 852-2388-8277(MKO)
TEL: 852-2665-4883
FAX: 852-2664-2406
FAX: 852-2770-8011(MKO)
U.S.A.
#3910 North First Street,
San Jose,
CA. 65134-1501
U.S.A.
TEL: 1-408-433-6000
FAX: 1-408-433-0952
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MOSEL VITELIC INC.
Features
Single
power
supply
can
operate
at
2.4V
through 6V.
Current output can drive 8 ohm speaker with a
transistor, Vout can drive buzzer directly.
The voice content is stored for 7-12 seconds for
SI121 including mute and is single section / phrase
and single trigger.
Automatic power down.
A phrase is composed of repetitive sections.
Interrupt function (INTP) stops the audio output
at once.
An LED function with 3Hz flash is provided to
tell the audio status.
Repeat pin was provided to keep audio output
repeating.
Built-in
power
on
play
function
and
is
programmable.
Programmable option for either Retrigger or not.
Programmable option for either Level or Edge trigger
type.
Programmable
option
for
either
Holdable
o
Unholdable output type.
Programmable option for repeat times up to 8 times.
Programmable option for either LED display or STOP
pulse on LED/STP pin.
SI121 can be programmed by MSM9159, MSM9156,
MSM9141S, MSM9140 & MSM9139.
Block Diagram
CLOCK
GENERATOR
CONTROL
LOGIC
TG
INTP
REP
LED/STP
OSC
TIMING
GENERATOR
ADDRESS
GENERATOR
VOICE
ROM
TRIGGER
TABLE
MPCM
DECODER
CURRENT
BUFFER
BUZZER
BUFFER
COUT
VOUT1
VOUT2
VDD
VSS
A STOP pulse comes out when audio signal is
finished.
CDS input interface with 10ms debounce is
provided for trigger pin, REP pin and INTP pin.


Similar Part No. - MSSI121-2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSSI121 MOSEL-MSSI121 Datasheet
23Kb / 1P
Recording Writer for MSSI121
More results

Similar Description - MSSI121-2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0307 MOSEL-MSS0307 Datasheet
19Kb / 1P
3 Voice VROM
MSS0607 MOSEL-MSS0607 Datasheet
19Kb / 1P
6 Voice VROM
MSS0907 MOSEL-MSS0907 Datasheet
19Kb / 1P
9 Voice VROM
MSS1507 MOSEL-MSS1507 Datasheet
8Kb / 1P
15 Voice VROM
MSS1807 MOSEL-MSS1807 Datasheet
9Kb / 1P
18 Voice VROM
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
VERSATILE 10 SEC INSTANT VOICE ROM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com