Electronic Components Datasheet Search
  English  ▼

X  

PS8101 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS8101
Description  1 Mbps, HIGH CMTI ANALOG OUTPUT TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8101 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS8101 Datasheet HTML 6Page - Renesas Technology Corp PS8101 Datasheet HTML 7Page - Renesas Technology Corp PS8101 Datasheet HTML 8Page - Renesas Technology Corp PS8101 Datasheet HTML 9Page - Renesas Technology Corp PS8101 Datasheet HTML 10Page - Renesas Technology Corp PS8101 Datasheet HTML 11Page - Renesas Technology Corp PS8101 Datasheet HTML 12Page - Renesas Technology Corp PS8101 Datasheet HTML 13Page - Renesas Technology Corp PS8101 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PS8101
R08DS0138EJ0200
Rev.2.00
Page 11 of 13
Feb. 17, 2026
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Rating
Unit
Climatic test class (IEC 60068-1/DIN EN 60068-1)
55/100/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random
test)
Vm = 1.6
× VIORM., qpd < 5 pC
VIORM
Vm
707
1 132
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Vm = 1.875
× VIORM., qpd < 5 pC
Vm
1 326
Vpeak
Highest permissible overvoltage
VIOTM
6 000
Vpeak
Degree of pollution (IEC 60664-1/DIN EN 60664-1 (VDE 0110-1))
2
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303-11))
CTI
175
Material group (IEC 60664-1/DIN EN 60664-1 (VDE 0110-1))
III a
Storage temperature range
Tstg
-55 to +125
°C
Operating temperature range
TA
-55 to +100
°C
Isolation resistance, minimum value
VI-O = 500 V dc, TA = 25 °C
VI-O = 500 V dc, TA = maximum temperature of rating, at least 100 °C
RI-O MIN.
RI-O MIN.
1012
1011
Ω
Ω
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Maximum ambient temperature
Maximum input current
Maximum output power dissipation
Isolation resistance, minimum value at VI-O = 500 V dc, TA = TS
TS
ISI
PSO
RI-O MIN.
150
200
300
109
°C
mA
mW
Ω
Dependence of maximum safety ratings on ambient temperature
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
175
200
Ambient Temperature TA (°C)
PSO: Output Power Dissipation
ISI: Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com