Electronic Components Datasheet Search
  English  ▼

X  

PS8352AL2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS8352AL2
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS8352AL2 Datasheet HTML 1Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 2Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 3Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0101 Rev.1.01
Page 5 of 19
May 25, 2021
ELECTRICAL CHARACTERISTICS (DC Characteristics)
(TYP.: TA = 25
C, VIN = VIN = 0 V, VDD1 = VDD2 = 5 V,
MIN., MAX.: refer to RECOMMENDED OPERATING CONDITIONS, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
Vos
TA = 25
C
 2
 0.25
2
mV
 3
 0.25
3
Input Offset Voltage Drift
vs. Temperature
dVos/dTA
1.6
10
V/C
Gain *1
G
 200 mV  VIN+  200 mV,
TA = 25
C
7.92
8
8.08
V/V
Gain Drift vs. Temperature
dG/dTA
0.0006
V/V
C
VOUT Non-linearity (200 mV) *2
NL200
 200 mV  VIN+  200 mV
0.014
0.35
%
VOUT Non-linearity (200 mV) Drift
vs. Temperature
dNL200/dTA
0.0001
%/
C
VOUT Non-linearity (100 mV) *2
NL100
 100 mV  VIN+  100 mV
0.011
0.2
%
Maximum Input Voltage before
VOUT Clipping
VIN+MAX.
320
mV
Input Supply Current
IDD1
VIN+ = 400 mV
13.5
16
mA
Output Supply Current
IDD2
VIN+ =
 400 mV
7.8
16
mA
Input Bias Current
IIN+
VIN+ = 0V
 1
 0.65
1
A
Input Bias Current Drift
vs. Temperature
dIIN+/dTA
0.3
nA/
C
Low Level Saturated Output
Voltage
VOL
VIN+ =
 400 mV
1.29
V
High Level Saturated Output
Voltage
VOH
VIN+ = 400 mV
3.8
V
Output Voltage (VIN+ = VIN- = 0 V)
VOCM
VIN+ = VIN- = 0 V
2.2
2.55
2.8
V
Output Short-circuit Current
IOSC
20
mA
Equivalent Input Resistance
RIN
450
k
VOUT Output Resistance
ROUT
4
Input DC Common-Mode
Rejection Ratio*3
CMRRIN
76
dB
*1
The differential output voltage (VOUT+
 VOUT) with respect to the differential input voltage (VIN+  VIN), where VIN+ =
200 mV to 200 mV and VIN = 0 V) is measured under the circuit shown in Fig. 2 NL200, G Test Circuit. Upon
the resulting chart, the gain is defined as the slope of the optimum line obtained by using the method of least
squares.
*2
The differential output voltage (VOUT+
 VOUT) with respect to the differential input voltage (VIN+  VIN) is measured
under the circuit shown in Fig. 2 NL200, G Test Circuit. Upon the resulting chart, the optimum line is obtained by
using the method of least squares. Non-linearity is defined as the ratio (%) of the optimum line obtained by
dividing [Half of the peak to peak value of the (residual) deviation] by [full-scale differential output voltage].
For example, if the differential output voltage is 3.2 V, and the peak to peak value of the (residual) deviation is
22.4 mV, while the input VIN+ is
200 mV, the output non-linearity is obtained as follows:
NL200 = 22.4/(2
 3 200) = 0.35%
*3
CMRRIN is defined as the ratio of the differential signal gain (when the differential signal is applied between the
input pins) to the common-mode signal gain (when both input pins are connected and the signal is applied). This
value is indicated in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com