Electronic Components Datasheet Search
  English  ▼

X  

PEC11 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11
Description  12 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11 Datasheet HTML 2Page - Bourns Electronic Solutions PEC11 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC11 Series - 12 mm Incremental Encoder
Product Dimensions
13.2
(.520)
5.0
(.197)
12.5
(.492)
14.0
(.551)
13.2
(.520)
7.5
(.295)
7.0
(.276)
L1
LB
l
SWITCH
TRAVEL
6.5
(.256)
2.5
(.098)
2.5
(.098)
1.8
(.071)
2 PLCS.
2 PLCS.
0.9
(.035)
2.5
(.098)
4.5 +0/-0.05
(.177 +0/-.002)
6.0
(.236)
DIA.
3.5
(.138)
2.6
(.102)
1.0
(.039)
0.5
(.020)
M7x0.75
C0.5
MOUNTING SURFACE
DIA. 5 PLCS.
2.5
(.098)
C
B
A
C
B
A
13.2
(.520)
12.5
(.492)
14.0
(.551)
13.2
(.520)
7.5
(.295)
L1
LB
l
6.5
(.256)
2.5
(.098)
2.5
(.098)
1.8
(.071)
2 PLCS.
2 PLCS.
0.9
(.035)
2.5
(.098)
4.5 +0/-0.05
(.177 +0/-.002)
6.0
(.236)
DIA.
3.5
(.138)
2.6
(.102)
1.0 +0.1/-0
(.039 +.004/-0)
M7x0.75
C0.5
MOUNTING SURFACE
DIA. 3 PLCS.
2.5
(.098)
C
B
A
C
B
A CHANNEL A
COMMON
CHANNEL B
C
B
A CHANNEL A
COMMON
CHANNEL B
C
B
A
PEC11-4xxxF-Sxxxx
PEC11-4xxxF-Nxxxx
L1
LB
l
15
5.0
7.0
(.591)
(.197)
(.276)
20
7.0
10.0
(.787)
(.276)
(.394)
25
7.0
12.0
(.984)
(.276)
(.472)
30
7.0
12.0
(1.181)
(.276)
(.472)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com