Electronic Components Datasheet Search
  English  ▼

X  

SIG200 Datasheet(PDF) 4 Page - SICK AG

Part # SIG200
Description  SENSOR INTEGRATION GATEWAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SIG200 Datasheet(HTML) 4 Page - SICK AG

  SIG200 Datasheet HTML 1Page - SICK AG SIG200 Datasheet HTML 2Page - SICK AG SIG200 Datasheet HTML 3Page - SICK AG SIG200 Datasheet HTML 4Page - SICK AG SIG200 Datasheet HTML 5Page - SICK AG SIG200 Datasheet HTML 6Page - SICK AG SIG200 Datasheet HTML 7Page - SICK AG SIG200 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SIG200-0A0512200 | SIG200
SENSOR INTEGRATION GATEWAY
CONFIG Port for configuration via USB with SOPAS ET (SOPAS ET can be downloaded for free from
www.sick.com)
Initialization time after switch on
70s (plus additional time for IODD installation)
Ambient data
Ambient operating temperature
–40 °C ... +55 °C 1)
Ambient temperature, storage
–40 °C ... +75 °C 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2:2005-08
EN 61000-6-3:2007-01
Shock load
EN 60068-2-6
1) Permissible relative air humidity: 0 % ... 90 % (non-condensing).
Classifications
eCl@ss 5.0
27242208
eCl@ss 5.1.4
27242608
eCl@ss 6.0
27242608
eCl@ss 6.2
27242608
eCl@ss 7.0
27242608
eCl@ss 8.0
27242608
eCl@ss 8.1
27242608
eCl@ss 9.0
27242608
eCl@ss 10.0
27242608
eCl@ss 11.0
27242608
eCl@ss 12.0
27242608
ETIM 5.0
EC001604
ETIM 6.0
EC001604
ETIM 7.0
EC001604
ETIM 8.0
EC001604
UNSPSC 16.0901
32151705
4
INTEGRATION PRODUCTS | SICK
Product data sheet | 2023-11-29 10:20:54
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com