Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF2925
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2925 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 3Page - Texas Instruments REF2925 Datasheet HTML 4Page - Texas Instruments REF2925 Datasheet HTML 5Page - Texas Instruments REF2925 Datasheet HTML 6Page - Texas Instruments REF2925 Datasheet HTML 7Page - Texas Instruments REF2925 Datasheet HTML 8Page - Texas Instruments REF2925 Datasheet HTML 9Page - Texas Instruments REF2925 Datasheet HTML 10Page - Texas Instruments REF2925 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
7
SBVS033B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = +5V power supply, REF2925 is used for typical characteristics, unless otherwise noted.
0.1Hz TO 10Hz NOISE
1.0s/div
LONG-TERM STABILITY 0 TO 1000 HOURS
80
70
60
50
40
30
20
10
0
0
100
200
300
400
500
600
700
800
900 1000
Time (hours)
LONG-TERM STABILITY 1000 TO 2000 HOURS
1200 1300
1600
1800 1900 2000
Time (hours)
80
70
60
50
40
30
20
10
0
1000 1100
1400 1500
1700
LONG-TERM STABILITY 0 TO 2000 HOURS
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Time (hours)
80
70
60
50
40
30
20
10
0
1-25mA LOAD TRANSIENT (C
L = 1µF)
100
µs/div
V
OUT
I
L = 1mA
I
L = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com