Electronic Components Datasheet Search
  English  ▼

X  

REF2930 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF2930
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2930 Datasheet(HTML) 4 Page - Texas Instruments

  REF2930 Datasheet HTML 1Page - Texas Instruments REF2930 Datasheet HTML 2Page - Texas Instruments REF2930 Datasheet HTML 3Page - Texas Instruments REF2930 Datasheet HTML 4Page - Texas Instruments REF2930 Datasheet HTML 5Page - Texas Instruments REF2930 Datasheet HTML 6Page - Texas Instruments REF2930 Datasheet HTML 7Page - Texas Instruments REF2930 Datasheet HTML 8Page - Texas Instruments REF2930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
4
SBVS033B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VIN = +5V power supply, REF2925 is used for typical characteristics, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
60
50
40
30
20
10
0
Temperature (
°C)
–40
–20
0
20
60
40
80
100
120
140
TEMPERATURE DRIFT (0
°C to +70°C)
50
45
40
35
30
25
20
15
10
5
0
510 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/
°C)
TEMPERATURE DRIFT (–40
°C to +125°C)
100
90
80
70
60
50
40
30
20
10
0
510 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/
°C)
LOAD REGULATION vs TEMPERATURE
6
5
4
3
2
1
0
Temperature (
°C)
–40
–20
0
20
60
40
80
100
120
140
OUTPUT VOLTAGE vs TEMPERATURE
2.502
2.500
2.498
2.496
2.494
2.492
2.490
–40
–20
0
20
60
40
80
100
120
140
Temperature (
°C)
MAXIMUM LOAD CURRENT vs TEMPERATURE
35
30
25
20
15
10
5
–40
–20
0
20
60
40
80
100
120
140
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com