Electronic Components Datasheet Search
  English  ▼

X  

MBRB10150CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRB10150CT
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB10150CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRB10150CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB10150CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Diode
MBRB10150CT
www.iscsemi.com
1
FEATURES
· Lead-Free Finish, RoHS Compliant
· High Surge Current Capability
· Low Forward Voltage Drop
APPLICATIONS
· Switching Diode
· Polarity Protection Diode
· Re-Circulating Diode
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
150
V
IF(AV)
Average Rectified Forward Current
5×2
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms Single Half Sine-Wave
Superimposed on Rated Load)
100
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
5.0
℃
/W


Similar Part No. - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRB10150CT SMC-MBRB10150CT Datasheet
192Kb / 6P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB10150CT DIODES-MBRB10150CT Datasheet
280Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
Rev 4
logo
GOOD-ARK Electronics
MBRB10150CT GOOD-ARK-MBRB10150CT Datasheet
500Kb / 7P
Product Specification
logo
Jiangsu Changjiang Elec...
MBRB10150CT JIANGSU-MBRB10150CT Datasheet
1Mb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
MBRB10150CT SURGE-MBRB10150CT Datasheet
1Mb / 5P
Schottky Barrier Rectifier
More results

Similar Description - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com