Electronic Components Datasheet Search
  English  ▼

X  

MBRB2090CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRB2090CT
Description  High-Voltage Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB2090CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRB2090CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB2090CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Voltage Schottky Rectifier
MBRB2090CT
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· High Frequency Operation
· Low Power Losses, High Efficiency
APPLICATIONS
· Switching Power Supplies
· Converters
· Freewheeling Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
90
V
IF(AV)
Average Rectified Forward Current
10×2
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms Single Half Sine-Wave Superimposed on Rated Load per
Diode )
150
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W


Similar Part No. - MBRB2090CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB2090CT DIODES-MBRB2090CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Vishay Siliconix
MBRB2090CT VISHAY-MBRB2090CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Galaxy Semi-Conductor H...
MBRB2090CT BILIN-MBRB2090CT Datasheet
180Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
MBRB2090CT VISHAY-MBRB2090CT Datasheet
160Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
26-May-08
MBRB2090CT VISHAY-MBRB2090CT Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
More results

Similar Description - MBRB2090CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
High Voltage Schottky Rectifier
16-Aug-04
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
High Voltage Schottky Rectifier
1-Jul-02
logo
AUK corp
SDB10100PI AUK-SDB10100PI Datasheet
217Kb / 4P
High Voltage Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90_11 Datasheet
77Kb / 4P
High-Voltage Schottky Rectifier
19-Aug-11
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
High-Voltage Schottky Rectifier
30-Nov-10
logo
KODENSHI_AUK CORP.
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB30D100D2 KODENSHI-SDB30D100D2 Datasheet
282Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Shanghai Leiditech Elec...
MBRB10100 LEIDITECH-MBRB10100 Datasheet
786Kb / 3P
High-Voltage Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com