Electronic Components Datasheet Search
  English  ▼

X  

TS44 Datasheet(PDF) 1 Page - Same Sky Devices

Part # TS44
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS44 Datasheet(HTML) 1 Page - Same Sky Devices

  TS44 Datasheet HTML 1Page - Same Sky Devices TS44 Datasheet HTML 2Page - Same Sky Devices TS44 Datasheet HTML 3Page - Same Sky Devices TS44 Datasheet HTML 4Page - Same Sky Devices TS44 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 11/20/2025
page 1 of 5
SERIES: TS44 | DESCRIPTION: TACTILE SWITCH
sameskydevices.com
FEATURES
• IP67
• white and blue actuator
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
1
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc, 10 mA
100
mΩ
insulation resistance
at 100 Vdc for 1 minute
100
MΩ
operating force
TS44-6262-51-WT-200-SMT-TR-67 model
TS44-6262-34-WT-260-SMT-TR-67 model
TS44-6262-34-WT-350-SMT-TR-67 model
TS44-6262-51-BL-350-SMT-TR-67 model
150
210
270
250
200
260
350
350
250
310
430
450
gf
gf
gf
gf
return force
20
gf
actuator travel
TS44-6262-51-WT-200-SMT-TR-67 model
TS44-6262-34-WT-260-SMT-TR-67 model
TS44-6262-34-WT-350-SMT-TR-67 model
TS44-6262-51-BL-350-SMT-TR-67 model
0.25
0.20
0.20
0.35
0.50
0.35
0.40
0.55
0.75
0.50
0.60
0.75
mm
mm
mm
mm
operating temperature
-40
85
°C
storage temperature
-40
90
°C
life
5 Vdc, 5 mA, 1 cycle/second, max operating force
100,000
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
IP level
IP67
PART NUMBER KEY
Base Number
TS44 - 6262 - XX - XX - XXX - SMT - TR - 67
Push Force:
200* = 200 gf
260* = 260 gf
350 = 350 gf
Actuator Height above PCB:
34 = 3.4 mm
51 = 5.1 mm
Note: * 200 & 260 gf models only available with white actuator.
Actuator Color:
BL = blue
WT = white
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - TS44

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
Single P-Channel 1.8V Specified MicroSURF?
logo
Littelfuse
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
TS4431AILT STMICROELECTRONICS-TS4431AILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
TS4431ILT STMICROELECTRONICS-TS4431ILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
More results

Similar Description - TS44

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com