Electronic Components Datasheet Search
  English  ▼

X  

SF1600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SF1600
Description  Ultra Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF1600 Datasheet(HTML) 3 Page - Vishay Siliconix

  SF1600 Datasheet HTML 1Page - Vishay Siliconix SF1600 Datasheet HTML 2Page - Vishay Siliconix SF1600 Datasheet HTML 3Page - Vishay Siliconix SF1600 Datasheet HTML 4Page - Vishay Siliconix SF1600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF1200 / SF1600
Document Number 86059
Rev. 1.6, 14-Apr-05
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 5. Diode Capacitance vs. Reverse Voltage
0
5
10
15
20
25
30
0.1
1.0
10.0
100.0
VR – Reverse Voltage(V)
16466
f=1MHz
CathodeIdentification
0.82 (0.032) max.
Sintered Glass Case
SOD-57
94 9538
26(1.014) min.
26(1.014) min.
ISO Method E
3.6 (0.140)max.
4.0 (0.156) max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com