Electronic Components Datasheet Search
  English  ▼

X  

CFPO-21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFPO-21
Description  high stability crystal oscillators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFPO-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPO-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CFPO-20,-21,-22,-23 TC-OCXO
ISSUE 2; 20 APRIL 2006
Preliminary Specification
Recommended for new designs
Delivery Options
■
Please contact our sales office for current leadtimes
Description
■
A series of high stability crystal oscillators, using a
hybrid combination of oven control and temperature
compensation capable of sub 0.05ppm stability. By
using a loosely controlled miniature oven that is
thermally isolated from the ambient the frequency
stability of a crystal oscillator is enhanced.
Stability is
further improved by compensating the residual
frequency error with C-MAC’s proprietary ASIC “Pluto”,
a single chip oscillator with analogue compensation
circuit. The combination of these two functions result in
an oscillator with the best stability / power consumption
ratio and fast warm-up, making it particularly suitable
for battery powered applications
Standard Frequencies
■
HCMOS only: 5, 6.4, 8, 8.192MHz
■
HCMOS & Clipped Sinewave 10.0, 12.8, 16.0, 16.384
and 20.0MHz
■
Other frequencies in the range 1.25 to 33MHz may be
available upon request
Waveform
■
Standard
Square HCMOS 15pF load
Clipped Sinewave 10k
Ω // 10pF, AC-coupled
■
Optional
Square ACMOS 50pF max. load
Sinewave 10k
Ω // 10pF, DC-coupled
Supply Voltage
■
Operating range 3.3V or 5.0V, see table.
Input Power
-20 to 70°C
-40 to 85°C
■
Warm-up
< 1.0W
< 1.0W
■
Steady state @ 25°C
< 270mW
< 350mW
■
Steady state @ -20°C
< 400mW
< 525mW
■
Steady state @ -40°C
< 600mW
Warm-up time to reach ±0.01ppm of final frequency
■
< 30 secs. (@25°C)
Ageing
■
±1ppm maximum in first year, frequency < 20MHz
■
±2ppm maximum in first year, frequency > 20MHz
■
±3ppm maximum for 10 years, frequency < 20MHz
■
±5ppm maximum for 10 years, frequency > 20MHz
■
±1ppm maximum after reflow
Frequency Stability
■ Temperature: see table
■
Supply Voltage Variation, ±5% ±0.1ppm typ.
■
Load Coefficient, 15pF ±5pf (HCMOS) or 10k
Ω // 10pF
±10% (clipped sinewave) ±0.1ppm typ.
Frequency Adjustment, three options
A
Ageing adjustment by means of external Voltage Control
applied to pad 1 (standard option)
■ Range (frequency < 20MHz) > ±5ppm
■ Range (frequency > 20MHz) > ±7ppm
■ Linearity
< 0.5%
■ Slope
Positive
■ Input Resistance
> 100k
Ω
■ Modulation Bandwidth
> 2kHz
■ Standard control voltage range 1.5V±1V
B
Ageing adjustment by means of an external 100k
Ω
potentiometer connected as a variable resistor from
pad 1 to ground.
■ Range (frequency < 20MHz)
> ±5ppm
■ Range (frequency > 20MHz)
> ±7ppm
C
No frequency adjustment
■ Initial calibration
< ±0.5ppm
Storage Temperature Range
■
-55 to 125°C
Environmental Specification
■
Vibration: IEC 60068-2-6, test Fc: 10-60Hz 0.75mm
displacement, 60-2000Hz 100m/s2 (10gn) acceleration,
4 hours in each of three mutually perpendicular axes at
1 octave per minute.
■
Mechanical Shock: IEC 60068-2-27, test Ea; 1000m/s2
(100gn) acceleration for 6ms duration, Half sine pulse,
3 shocks in each direction along three mutually
perpendicular axes (18 shocks total)
■
Parts with the suffix “LF” on the ordering code and part
number are fully compliant with the European Union
directive 2002/95/EC on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment. Note: The RoHS compliant parts are suitable
for assembly using both Lead-free solders and Lead/Tin
solders.
■
Marking: Laser Marked
Marking, includes
■
CMAC
■
Part number (Pxxxx)
■
Pad 1 / Static sensitivity
identifier (triangle)
■
Device date / location code
(YYWWL)
Package
■
Hermetically sealed, industry standard, DIL 14/4
leaded package
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-DO ETC2-CFPO-DO Datasheet
61Kb / 2P
Range of Super Single Oven OCXO?셲
CFPO-DO-1 ETC2-CFPO-DO-1 Datasheet
61Kb / 2P
Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A5 ETC2-CFPO-DO-140C12A5 Datasheet
61Kb / 2P
Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A50 ETC2-CFPO-DO-140C12A50 Datasheet
61Kb / 2P
Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A50N ETC2-CFPO-DO-140C12A50N Datasheet
61Kb / 2P
Range of Super Single Oven OCXO?셲
More results

Similar Description - CFPO-21

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
Crystal oscillators
logo
List of Unclassifed Man...
CSX-325M ETC2-CSX-325M Datasheet
82Kb / 1P
HIGH STABILITY CLOCK OSCILLATORS
logo
Epson ToYoCom
TCO-3100 EPSONTOYOCOM-TCO-3100 Datasheet
311Kb / 2P
CRYSTAL OSCILLATOR HIGH-STABILITY
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Vanlong Technology Co.,...
PO303 VANLONG-PO303_13 Datasheet
44Kb / 1P
High Stability Crystal Oscillator
logo
Abracon Corporation
ABM8X ABRACON-ABM8X Datasheet
3Mb / 2P
HIGH STABILITY SMD CRYSTAL
04.26.11
logo
Kyocera Kinseki Corpota...
KC2520C-C1 KSS-KC2520C-C1_18 Datasheet
62Kb / 1P
High Stability Clock Oscillators
KC2520C-C2 KSS-KC2520C-C2_18 Datasheet
62Kb / 1P
High Stability Clock Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com