Electronic Components Datasheet Search
  English  ▼

X  

CFD1933 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFD1933
Description  NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFD1933 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFD1933 Datasheet HTML 1Page - Continental Device India Limited CFD1933 Datasheet HTML 2Page - Continental Device India Limited CFD1933 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR
Low Freq. Power Amp.
Built in Damper Diode
Complementry CSB1342
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
80
V
Collector -Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current DC
IC
4.0
A
Collector Current (Pulse*)
6.0
A
Collector Power Dissipation @ Ta=25 deg C
PC
2.0
W
Collector Power Dissipation @ Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
*Single Pulse Pw=100ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
80
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
80
-
-
V
Collector Cut off Current
ICBO
VCB=80V, IE=0
-
-
100
uA
Emitter Cut off Current
IEBO
VEB=5V,IC=0
-
-
3.0
mA
Collector Emitter Saturation Voltage
VCE(Sat)** IC=2A,IB=4mA
-
-
1.5
V
DC Current Gain
hFE**
IC=2A, VCE=3V
1.0
-
10
K
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.2A,
-
40
-
MHz
f=10MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
35
-
pF
f=1MHz
**Pulse test
Continental Device India Limited
Data Sheet
Page 1 of 2
E
C
B
TO-220FP Fully Isolated
CFD1933
Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFD1933

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFD1933 CDIL-CFD1933 Datasheet
89Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFD1933_9AW CDIL-CFD1933_9AW Datasheet
89Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
More results

Similar Description - CFD1933

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPSA27 KEC-MPSA27 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (DARLINGTON TRANSISTOR)
logo
Toshiba Semiconductor
TPS625 TOSHIBA-TPS625 Datasheet
178Kb / 4P
TOSHIBA PHOTO DARLINGTON TRANSISTOR SILICON NPN EPITAXIAL PLANAR
logo
Rohm
2SD1646 ROHM-2SD1646 Datasheet
48Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
2SD1647 ROHM-2SD1647 Datasheet
52Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
2SD1765 ROHM-2SD1765 Datasheet
46Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
logo
Sanyo Semicon Device
2SD1914 SANYO-2SD1914 Datasheet
595Kb / 7P
NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR DRIVER APPLICATIONS
logo
Rohm
2SD1637 ROHM-2SD1637 Datasheet
47Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistor
2SD1638 ROHM-2SD1638 Datasheet
44Kb / 1P
EpItaxial Planar NPN Silicon Darlington Transistor
logo
Weitron Technology
PZTA14 WEITRON-PZTA14 Datasheet
182Kb / 4P
Darlington NPN Silicon Planar Epitaxial Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBTA13 SEMTECH_ELEC-MMBTA13 Datasheet
171Kb / 2P
NPN Silicon Epitaxial Planar Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com