Electronic Components Datasheet Search
  English  ▼

X  

PS8302L-AX Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS8302L-AX
Description  Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8302L-AX Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS8302L-AX Datasheet HTML 1Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 2Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 3Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 4Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 5Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 6Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 7Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 8Page - Renesas Technology Corp PS8302L-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R08DS0253EJ0100 Rev.1.00
Page 1 of 15
Nov 4, 2021
Data Sheet
PS8302L, PS8302L2
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE
8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS8302L and PS8302L2 are optical coupled isolators containing an AlGaAs LED on the input side and a
PIN photodiode and a high-speed amplifier transistor on the output side on one chip.
The PS8302L and PS8302L2 are designed specifically for high supply voltage and high common mode
transient immunity (CMR).
The PS8302L and PS8302L2 are in 6-pin plastic SDIP (Shrink Dual In-line Package). The PS8302L2 has
8 mm creepage distance and is half size of 8-pin DIP.
The PS8302L is lead bending type (Gull-wing) for surface mounting.
The PS8302L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• High common mode transient immunity (CMH, CML = ±15 kV/
μs MIN.)
• Half size of 8-pin DIP
• Long creepage distance (8 mm MIN. : PS8302L2)
• High supply voltage (VCC = 35 V)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High-speed response (tPHL = 0.8
μs MAX., tPLH = 0.8 μs MAX.)
• Pb-Free product
• Safety standards
•
- UL approved: UL1577, Double protection
•
- CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
•
- VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
• Computer and peripheral manufactures
• General purpose inverter
• Substitutions for relays and pulse transformers
• Power supply
R08DS0253EJ0100
Rev.1.00
Nov 4, 2021
Start of mass production
Mar.2008
1. Anode
2. NC
3. Cathode
4. GND
5. VO
6. VCC
PIN CONNECTION
(Top View)
6
4
1
3
2
5


Similar Part No. - PS8302L-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8302L-AX CEL-PS8302L-AX Datasheet
223Kb / 16P
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L-AX CEL-PS8302L-AX Datasheet
614Kb / 16P
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS8302L-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8902 RENESAS-PS8902 Datasheet
291Kb / 17P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com