Electronic Components Datasheet Search
  English  ▼

X  

PS9113-AX Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9113-AX
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE DRIVE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9113-AX Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9113-AX Datasheet HTML 1Page - Renesas Technology Corp PS9113-AX Datasheet HTML 2Page - Renesas Technology Corp PS9113-AX Datasheet HTML 3Page - Renesas Technology Corp PS9113-AX Datasheet HTML 4Page - Renesas Technology Corp PS9113-AX Datasheet HTML 5Page - Renesas Technology Corp PS9113-AX Datasheet HTML 6Page - Renesas Technology Corp PS9113-AX Datasheet HTML 7Page - Renesas Technology Corp PS9113-AX Datasheet HTML 8Page - Renesas Technology Corp PS9113-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS9113
R08DS0124EJ0301 Rev.3.01
Page 5 of 15
Oct 29, 2018
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
High Level Input Current
IFH
10
20
mA
Output Voltage
VO
0
20
V
Supply Voltage
VCC
4.5
15
20
V
LED Off Voltage
VF
0
0.8
V
ELECTRICAL CHARACTERISTICS (TA = –40 to +100°C, VCC = 15 V, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.3
1.65
2.1
V
Reverse Current
IR
VR = 3 V
200
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
C
30
pF
Detector Low Level Output Voltage
VOL
IF = 10 mA, IOL = 2.4 mA
0.13
0.6
V
High Level Output Current
IOH
VCC = VO = 20 V, VF = 0.8 V
0.01
50
A
High Level Supply Current
ICCH
VCC = 20 V, VF = 0.8 V, VO = open
1.0
1.3
mA
Low Level Supply Current
ICCL
VCC = 20 V, IF = 10 mA, VO = open
1.0
1.3
mA
Coupled Threshold Input Current
(H
 L)
IFHL
VO = 0.8 V, IO = 0.75 mA
1.5
5.0
mA
Current Transfer Ratio
(IC/IF)
CTR
IF = 10 mA, VO = 0.6 V
44
110
%
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
C
1011
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
C
0.6
pF
Propagation Delay Time
(H
 L)*2
tPHL
IF = 10 mA, RL = 20 k
,
CL = 100 pF,
250
500
ns
Propagation Delay Time
(L
 H)*2
tPLH
VTHHL = 1.5 V, VTHLH = 2.0 V
520
750
Propagation Delay
Difference
Between Any 2 Parts
tPLH
tPHL
200
270
650
Pulse Width Distortion
(PWD)*2
tPHL-tPLH
270
650
Common Mode
Transient Immunity at
High Level Output*3
CMH
TA = 25
C, IF = 0 mA,
VO > 3.0 V, VCM = 1.5 kV,
RL = 20 k
, CL = 100 pF
15
kV/
s
Common Mode
Transient Immunity at
Low Level Output*3
CML
TA = 25
C, IF = 10 mA,
VO < 1.0 V, VCM = 1.5 kV,
RL = 20 k
, CL = 100 pF
-
15
kV/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com