Electronic Components Datasheet Search
  English  ▼

X  

PPW01003 Datasheet(PDF) 1 Page - Pro-Signal

Part # PPW01003
Description  2.1mm DC Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PPW01003 Datasheet(HTML) 1 Page - Pro-Signal

  PPW01003 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
21/01/22
2.1mm DC Socket
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-POWER is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
2.1mm DC Socket, Chassis
PPW01003
Specifications
Gender
: Receptacle
Pin Diameter
: 2.1mm
Voltage Rating
: DC 12V, 1A
Contact Resistance
: 30mΩ Max.
Insulation Resistance
: DC500V / 100MΩ Min.
Withstand Voltage
: AC 500V for one minute
No.
Part Name
Material
Finish
Qty
1
Body
ABS
-
1
2
Pin
BSW
Ni
3
Contact Spring
PBS t=0.25
Ag
4
Terminal A
BSR t=0.3
5
Terminal B
BSR t=0.5
6
Insulator
PF
-
Diagram
Part Number
“A”
PPW01003
Ø1.9


Similar Part No. - PPW01003

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PPW01004 PROSIGNAL-PPW01004 Datasheet
187Kb / 1P
DC Socket
V1.0 21/01/22
PPW01005 PROSIGNAL-PPW01005 Datasheet
187Kb / 1P
DC Socket
V1.0 21/01/22
logo
Pro-Power
PPW01006 PROPOWER-PPW01006 Datasheet
218Kb / 1P
DC Power Connector Receptacle
11/11/24 V1.0
More results

Similar Description - PPW01003

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPJ0217T-1.3 DUBILIER-DBCPJ0217T-1.3 Datasheet
80Kb / 1P
AUDIO SMT DC JACK SOCKET
logo
SUYIN USA, INC.
250291MA SUYIN-USA-250291MA Datasheet
113Kb / 1P
SIM CARD CONNECTOR H:2.1mm
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
DC13A ETC2-DC13A Datasheet
105Kb / 1P
DC POWER SOCKET DC13
MJ-180 ETC2-MJ-180 Datasheet
94Kb / 2P
DC Socket 2.35mm
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
logo
Schurter Inc.
4840.2202 SCHURTER-4840.2202_V02 Datasheet
281Kb / 2P
, PCB terminals, Socket, 5.7 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2220 SCHURTER-4840.2220_V02 Datasheet
283Kb / 2P
, solder terminal, Socket, 5.9 mm, 2-pole, DC Plug/Socket
04.01.2022
logo
Electronic Components L...
FC681465ST CLIFF-FC681465ST Datasheet
139Kb / 1P
DC10LS SMD DUAL DC SOCKET Accepts 2.1mm & 2.5mm Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com