Electronic Components Datasheet Search
  English  ▼

X  

PPW01004 Datasheet(PDF) 1 Page - Pro-Signal

Part # PPW01004
Description  DC Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PPW01004 Datasheet(HTML) 1 Page - Pro-Signal

  PPW01004 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
21/01/22
DC Socket
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-POWER is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
2.1mm DC Socket, 500mA
PPW01004
2.5mm DC Socket, 1A
PPW01005
Specifications
Gender
: Receptacle
Voltage Rating
: 12V
Contact Resistance
: 30mΩ Max.
Dielectric Strength
: 500V AC for one minute
Insulation Resistance
: DC 500V / 100MΩ Min.
Withstand Voltage
: AC 500V 1 Minute.
No.
Part Name
Material
Finish
Qty
1
Body
ABS
-
1
2
Pin
Brass
Ni
3
Contact Spring
PBS
Ag
4
Terminal A
Brass
5
Terminal B
Brass
6
Insulator
PF
-
7
Nut
PA
-
Diagram
Part Number
“A”
PPW01004
Ø1.95
PPW01005
Ø2.35


Similar Part No. - PPW01004

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PPW01003 PROSIGNAL-PPW01003 Datasheet
191Kb / 1P
2.1mm DC Socket
V1.0 21/01/22
logo
Pro-Power
PPW01006 PROPOWER-PPW01006 Datasheet
218Kb / 1P
DC Power Connector Receptacle
11/11/24 V1.0
More results

Similar Description - PPW01004

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPJ0217T-1.3 DUBILIER-DBCPJ0217T-1.3 Datasheet
80Kb / 1P
AUDIO SMT DC JACK SOCKET
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
DC13A ETC2-DC13A Datasheet
105Kb / 1P
DC POWER SOCKET DC13
MJ-180 ETC2-MJ-180 Datasheet
94Kb / 2P
DC Socket 2.35mm
logo
Schurter Inc.
4840.2230 SCHURTER-4840.2230_V01 Datasheet
285Kb / 2P
, solder terminal, Socket, 7.0 mm, 2-pole, DC Plug/Socket
4840.2221 SCHURTER-4840.2221_V01 Datasheet
281Kb / 2P
, PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
4840.2201 SCHURTER-4840.2201_V02 Datasheet
282Kb / 2P
, PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2202 SCHURTER-4840.2202_V02 Datasheet
281Kb / 2P
, PCB terminals, Socket, 5.7 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2220 SCHURTER-4840.2220_V02 Datasheet
283Kb / 2P
, solder terminal, Socket, 5.9 mm, 2-pole, DC Plug/Socket
04.01.2022
4840.2221 SCHURTER-4840.2221_V02 Datasheet
280Kb / 2P
, PCB terminals, Socket, 6.0 mm, 2-pole, DC Plug/Socket
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com