Electronic Components Datasheet Search
  English  ▼

X  

PSG08266 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08266
Description  2.5mm Jack Socket Stereo
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08266 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08266 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/01/22
2.5mm Jack Socket
Stereo
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
2.5mm Jack Socket, Stereo, Chassis
PSG08266
Specifications
No. of Contacts
: 2 Contacts
Gender
: Jack
Pin Diameter
: 2.5mm
Contact Resistance
: 50mΩ Max.
Insulation Resistance
: 100MΩ Min. at 500V DC
Dielectric Strength
: 500V AC for one Minute
Diagram
No.
Part Name
Material
Finish Qty
1
Metal
BSBM
Ni
1
2
Body
PBT -G30%
-
3
Contact 1
PBS t=0.25
Ni
4
Contact 2
PBS t=0.25
Au
5
Terminal
BSR t=0.3
Ni
6
Nut
BSBM
Ni


Similar Part No. - PSG08266

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08244 PROSIGNAL-PSG08244 Datasheet
30Kb / 1P
Scart Adaptors
PSG08247 PROSIGNAL-PSG08247 Datasheet
157Kb / 1P
4mm Banana Plug
V1.0 20/10/22
PSG08272 PROSIGNAL-PSG08272 Datasheet
189Kb / 1P
3.5mm Jack Plug Stereo
V1.0 24/01/22
PSG08278 PROSIGNAL-PSG08278 Datasheet
207Kb / 1P
3.5mm Jack Socket 4 Pole
V1.0 24/01/22
PSG08280 PROSIGNAL-PSG08280 Datasheet
175Kb / 1P
3.5mm Jack Socket
V1.0 28/10/22
More results

Similar Description - PSG08266

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
2.5mm AUDIO JACK-STEREO
logo
List of Unclassifed Man...
FC68131 ETC2-FC68131 Datasheet
188Kb / 1P
3.5mm STEREO PC JACK SOCKET
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
logo
CUI INC
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
SP-2501 CUI-SP-2501 Datasheet
31Kb / 1P
2.5mm STEREO PLUG
SJ-2509N CUI-SJ-2509N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-STEREO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
2.5mm AUDIO Jack-STEREO
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
2.5mm Audio Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com