Electronic Components Datasheet Search
  English  ▼

X  

PSG08272 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08272
Description  3.5mm Jack Plug Stereo
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08272 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08272 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
24/01/22
3.5mm Jack Plug
Stereo
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
3.5mm Jack Plug, Stereo
PSG08272
Diagram
No.
Part Name
Material
Finish
Qty
1
Tip
BSBM
Ni
1
2
Insulator A
POM
-
3
Ring
BSBM
Ni
4
Insulator B
POM
-
5
Sleeve
BSBM
Ni
6
Insulator C
PC
-
7
Ring Terminal
BSR
Ni
8
Tip Terminal
BSR
Ni
9
Insulator D
PC
-
10
Sleeve Terminal
Steel
Ni
11
Pin
SWCH
Ni
12
Insulator E
PVC
-
13
CAP
BSBM
Ni
14
Protector
PVC
-
Specifications
No. of Contacts
: 3 Contacts
Gender
: Jack
Pin Diameter
: 3.5mm
Contact Resistance
: 50mΩ Max.
Insulation Resistance
: 100MΩ Min. at 500V DC
Withstand Voltage
: 500V AC for one Minute


Similar Part No. - PSG08272

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08278 PROSIGNAL-PSG08278 Datasheet
207Kb / 1P
3.5mm Jack Socket 4 Pole
V1.0 24/01/22
More results

Similar Description - PSG08272

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
SJ-3525N CUI-SJ-3525N Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
CUI INC
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com