Electronic Components Datasheet Search
  English  ▼

X  

PSG08278 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08278
Description  3.5mm Jack Socket 4 Pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08278 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08278 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
24/01/22
3.5mm Jack Socket
4 Pole
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
3.5mm Jack Socket, 4 Pole
PSG08278
Specifications
No. of Contacts
: 4 Contacts
Gender
: Jack
Pin Diameter
: 3.5mm
Contact Resistance
: 50mΩ Max.
Insulation Resistance
: 100MΩ Min. at 500V DC
Withstand Voltage
: 500V AC for one Minute
Diagram
No. Part Name
Material
Finish
Qty
1
Metal
BSBM
Ni
1
2
Body
PBY-G30%
-
3
Contact 1
PBS t=0.25
Au
4
Contact 2
PBS t=0.25
Ni
5
Contact 3
PBS t=0.25
Ni
6
Contact 4
BSR t=0.2
Ni
7
Insulator
Vinyl
-
8
Hex Nut
Steel
Ni


Similar Part No. - PSG08278

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08272 PROSIGNAL-PSG08272 Datasheet
189Kb / 1P
3.5mm Jack Plug Stereo
V1.0 24/01/22
More results

Similar Description - PSG08278

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ5-43502PM CUI-SJ5-43502PM Datasheet
27Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
List of Unclassifed Man...
FC68131 ETC2-FC68131 Datasheet
188Kb / 1P
3.5mm STEREO PC JACK SOCKET
FC681374V ETC2-FC681374V Datasheet
697Kb / 2P
3.5mm VERTICAL JACK SOCKET
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
SJ-43502PM CUI-SJ-43502PM Datasheet
265Kb / 1P
3.5mm Panel Mount Audio Jack - 4 Connector
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Kycon, Inc.
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com