Electronic Components Datasheet Search
  English  ▼

X  

PSG91255 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91255
Description  Reversible USB 2.0 A Lead Male to Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91255 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91255 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
01/02/22
Reversible USB 2.0 A Lead Male
to Female
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T (mm)
Part Number
Reversible USB 2.0 A Lead
Male to Female
1000 ±30
PSG91255
2000 ±30
PSG91256
3000 ±30
PSG91257
5000 ±30
PSG91258
Specifications
Connector to Connector : Type A Plug to Micro Type B Plug
Conductive Resistance : 3Ω (Max.)
Insulation Resistance
: 5MΩ (Min.)
USB Standard
: USB 2.0
Jacket Colour
: Black
Diagram
Note:
1. Cable Wiring: 28AWG Cu×1P+24AWG Cu×2C+ADB(48/0.12ALMG)
Jacket Material: PVC; OD: 4.5±0.2mm
Cable Colour: Black
2. Connector A: USB 2.0 A Male Solder Type (reversible)
Insulation: White
Contact: Gold Plated
Shell: Fe, Nickel Plated
3. Connector B: USB 2.0 A Female Solder Type (Reversible)
Insulation: White
Contact: Gold Plated
Shell: Fe, Nickel Plated
4. Over Mold: PVC Black
Description
Dual reversible USB 2.0 extension cable for quick and easy insertion at either end


Similar Part No. - PSG91255

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91250 PROSIGNAL-PSG91250 Datasheet
195Kb / 1P
Reversible USB 2.0 A Lead Male to Male
V1.0 14/10/22
PSG91251 PROSIGNAL-PSG91251 Datasheet
201Kb / 1P
Reversible USB 2.0 A to B Lead Male to Male
V1.0 01/02/22
PSG91252 PROSIGNAL-PSG91252 Datasheet
201Kb / 1P
Reversible USB 2.0 A to B Lead Male to Male
V1.0 01/02/22
PSG91253 PROSIGNAL-PSG91253 Datasheet
201Kb / 1P
Reversible USB 2.0 A to B Lead Male to Male
V1.0 01/02/22
PSG91254 PROSIGNAL-PSG91254 Datasheet
201Kb / 1P
Reversible USB 2.0 A to B Lead Male to Male
V1.0 01/02/22
More results

Similar Description - PSG91255

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR020010 TRIPPLITE-UR020010 Datasheet
516Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 10-ft
UR020003 TRIPPLITE-UR020003 Datasheet
512Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 3-ft
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Tripp Lite. All Rights ...
UR020-003 TRIPPLITE-UR020-003 Datasheet
164Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to Reversible A M/M), 3-ft.
UR024-000 TRIPPLITE-UR024-000 Datasheet
169Kb / 2P
Universal Reversible USB 2.0 Adapter (Reversible A to A M/F)
UR024-000-RA TRIPPLITE-UR024-000-RA Datasheet
165Kb / 2P
Universal Reversible USB 2.0 Adapter (Reversible A to Right Angle A M/F)
UR024-000-UP TRIPPLITE-UR024-000-UP Datasheet
171Kb / 2P
Universal Reversible USB 2.0 Adapter (Reversible A to Up Angle A M/F)
UR024-06N TRIPPLITE-UR024-06N Datasheet
169Kb / 2P
Universal Reversible USB 2.0 Extension Cable (Reversible A to A), 6-in.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com