Electronic Components Datasheet Search
  English  ▼

X  

PSG91260 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91260
Description  Reversible USB 2.0 A Male to Micro USB B Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91260 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91260 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
01/02/22
Reversible USB 2.0 A Male to
Micro USB B Lead
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T (mm)
Part Number
Reversible USB 2.0 A Male to
Micro USB B Lead
1000 ±30
PSG91259
2000 ±30
PSG91260
3000 ±30
PSG91261
5000 ±30
PSG91262
Specifications
Connector to Connector : Type A Plug to Micro Type B Plug
Conductive Resistance : 3Ω (Max.)
Insulation Resistance
: 5MΩ (Min.)
USB Standard
: USB 2.0
Jacket Colour
: Black
Diagram
Note:
1. Cable Wiring: 28AWG Cu×1P+24AWG Cu×2C+ADB(48/0.12ALMG)
Jacket Material: PVC; OD: 4.5±0.2mm
Cable Colour: Black
2. Connector A: USB 2.0 A Male Solder Type (reversible)
Insulation: White
Contact: Gold Plated
Shell: Fe, Nickel Plated
3. Connector B: Micro BM Male Solder Type (Reversible)
Insulation: Black
Contact: Gold Plated
Shell: Fe, Nickel Plated
4. Over Mold: PVC Black
Description
Dual reversible USB 2.0 micro USB cable for quick and easy insertion at either end


Similar Part No. - PSG91260

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91266 PROSIGNAL-PSG91266 Datasheet
229Kb / 1P
Reversible 90 Deg. USB 2.0 A Male to Reversible Micro USB 2.0 B Lead
V1.0 01/02/22
More results

Similar Description - PSG91260

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Tripp Lite. All Rights ...
UR050-001 TRIPPLITE-UR050-001 Datasheet
168Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to 5Pin Micro B M/M), 1-ft.
UR050-003-WH TRIPPLITE-UR050-003-WH Datasheet
156Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to 5Pin Micro B M/M) White, 3-ft.
UR050-06N TRIPPLITE-UR050-06N Datasheet
169Kb / 2P
Universal Reversible USB 2.0 Cable (Reversible A to 5Pin Micro B M/M), 6-in.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com