Electronic Components Datasheet Search
  English  ▼

X  

PSG91253 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91253
Description  Reversible USB 2.0 A to B Lead Male to Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91253 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91253 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
01/02/22
Reversible USB 2.0 A to B Lead
Male to Male
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T (mm)
Part Number
Reversible USB 2.0 A to B Lead
Male to Male
500 ±20
PSG91633
1000 ±30
PSG91251
2000 ±30
PSG91252
3000 ±30
PSG91253
5000 ±50
PSG91254
Specifications
Connector to Connector : Type A Plug to Type B Plug
Conductive Resistance : 3Ω (Max.)
Insulation Resistance
: 5MΩ (Min.)
USB Standard
: USB 2.0
Jacket Colour
: Black
Diagram
Note:
1. Cable Wiring: 28AWG Cu×1P+24AWG Cu×2C+ADB(48/0.12ALMG)
Jacket Material: PVC; OD: 4.5±0.2mm
Cable Colour: Black
2. Connector A: USB 2.0 A Male Solder Type (reversible)
Insulation: White
Contact: Gold Plated
Shell: Fe, Nickel Plated
3. Connector B: USB 2.0 B Male Solder Type
Insulation: White
Contact: Gold Plated
Shell: Fe, Nickel Plated
4. Over Mold: PVC Black
Description
USB 2.0 cable with reversible A plug for quick and easy insertion


Similar Part No. - PSG91253

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91250 PROSIGNAL-PSG91250 Datasheet
195Kb / 1P
Reversible USB 2.0 A Lead Male to Male
V1.0 14/10/22
PSG91255 PROSIGNAL-PSG91255 Datasheet
216Kb / 1P
Reversible USB 2.0 A Lead Male to Female
V1.0 01/02/22
PSG91256 PROSIGNAL-PSG91256 Datasheet
216Kb / 1P
Reversible USB 2.0 A Lead Male to Female
V1.0 01/02/22
PSG91257 PROSIGNAL-PSG91257 Datasheet
216Kb / 1P
Reversible USB 2.0 A Lead Male to Female
V1.0 01/02/22
PSG91258 PROSIGNAL-PSG91258 Datasheet
216Kb / 1P
Reversible USB 2.0 A Lead Male to Female
V1.0 01/02/22
More results

Similar Description - PSG91253

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK670M-1-R ASSMANN-AK670M-1-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-3-R ASSMANN-AK670M-3-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-5-R ASSMANN-AK670M-5-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com