Electronic Components Datasheet Search
  English  ▼

X  

SBG1630CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SBG1630CT
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SBG1630CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SBG1630CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited SBG1630CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
SBG1630CT
www.iscsemi.com
1
FEATURES
· Low Power Loss, High Efficiency
· High Current Capability, Low VF
· High Surge Capacity
APPLICATIONS
· Low Voltage, High Frequency Inverters
· Polarity Protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximum repetitive peak reverse voltage
30
V
VRMS
Maximum RMS Voltage
21
V
IF(AV)
Average Rectified Forward Current,TC= 95℃
16
A
IFSM
non-repetitive Peak forward surge current,8.3ms,Single half
sine-wave superimposed onrated load
175
A
TJ
Junction Temperature
-55~125
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage IF= 8A
--
0.55
V
IR
Maximum Instantaneous Reverse Current
Rated DC Voltage, Tj= 25℃
--
0.5
mA
Rated DC Voltage, Tj= 125℃
--
50
mA


Similar Part No. - SBG1630CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG1630CT DIODES-SBG1630CT Datasheet
45Kb / 2P
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. B-2
SBG1630CT DIODES-SBG1630CT Datasheet
349Kb / 3P
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. 5 - 2
SBG1630CT-T-F DIODES-SBG1630CT-T-F Datasheet
349Kb / 3P
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. 5 - 2
SBG1630CT DIODES-SBG1630CT_1 Datasheet
349Kb / 3P
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. 5 - 2
More results

Similar Description - SBG1630CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com