Electronic Components Datasheet Search
  English  ▼

X  

AX3150C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AX3150C
Description  HIGH POWER TRIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX3150C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  AX3150C Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3150C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AX3150CJ
Accessories
AX3150C
Internal Cathode Terminal
AX3151C
External Cathode Terminal
AX360G
Grid Terminal for freq. <10 MHz
AX361G
Grid Terminal for freq. >10 MHz
CS363
CATHODE CONNECTING STRIP(2 per tube)
AXEEL2
Antielectrolytic coupling for 1 1/4" hose (2 per tube)
AXEEL6
Antielectrolytic coupling for 1" hose (2 per tube)
AXEEL8
Antielectrolytic coupling for 3/4" hose (2 per tube)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com