Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS161 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75ALS161
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS161 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75ALS161_08 Datasheet HTML 9Page - Texas Instruments SN75ALS161_08 Datasheet HTML 10Page - Texas Instruments SN75ALS161_08 Datasheet HTML 11Page - Texas Instruments SN75ALS161_08 Datasheet HTML 12Page - Texas Instruments SN75ALS161_08 Datasheet HTML 13Page - Texas Instruments SN75ALS161_08 Datasheet HTML 14Page - Texas Instruments SN75ALS161_08 Datasheet HTML 15Page - Texas Instruments SN75ALS161_08 Datasheet HTML 16Page - Texas Instruments SN75ALS161_08 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SN75ALS161
OCTAL GENERALPURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019F − JUNE 1986 − REVISED JULY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 8
2
1
0
0
− 10
− 20
− 30
− 40
3
GPIB I/O BUS
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
4
− 50
− 60
VCC = 5 V
TA = 25°C
IOH − High-Level Output Current − mA
Figure 9
0.3
0.2
0.1
0
0
10
20
304050
60
0.4
0.5
GPIB I/O BUS
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.6
70
80
90
100
IOL − Low-Level Output Current − mA
VCC = 5 V
TA = 25°C
Figure 10
2
1
0
0.9
1
1.1
1.2
1.3
1.4
3
BUS OUTPUT VOLTAGE
vs
TERMINAL INPUT VOLTAGE
4
1.5
1.6
1.7
VI − Terminal Input Voltage − V
VCC = 5 V
No Load
TA = 25°C
− 2
− 4
− 6
− 7
− 2
− 1
0
1
2
3
− 1
1
GPIB I/O BUS
CURRENT
vs
VOLTAGE
45
6
− 5
0
− 3
2
VCC = 5 V
TA = 25°C
The Unshaded Area
Conforms to Paragraph 3.5.3
of IEEE Standard 488 -1978
VI/O − Voltage − V
Figure 11
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com