Electronic Components Datasheet Search
  English  ▼

X  

SMLA13 Datasheet(PDF) 1 Page - Rohm

Part # SMLA13
Description  Side View Chip LEDs 0605 <1.6 1.15 t=0.55mm> High Brightness Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLA13 Datasheet(HTML) 1 Page - Rohm

  SMLA13 Datasheet HTML 1Page - Rohm SMLA13 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
:Duty
1/10 1kHz
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λD
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
VR
(V)
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
Blue
InGaN on SiC
Dimensions (Unit:mm)
Tolerance:± 0.1
1.2
1.6
1.1
Terminal
CATHODE INDEX
(Unit:mm)
1.2
note) "-" will be taken out for emitting color B/E series.
Directivity (Typ.)
The recommended thickness of the screen mask
for soldering is more than 150µm. The hole size
of the screen mask should be same as the
recommended land pattern or smaller.
Recommended Pad Layout
SMLA13 Series
Blue
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light
wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Dominant
Side View Chip LEDs 0605 <1.6
1.15 t=0.55mm>
High Brightness Type
Transparent
Colorless
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <3,000pcs/reel>
Feeding direction
Reel Specifications
Label Position
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
SMLA13BDT
SMLA13BDT
20
84
100
5
-30 to +85
-40 to +100
SMLA13BDT
3.2
20
100
5
470
56
140
20
20
Side View
1611(0605) 1.6
×1.15(t=0.55)
Pulse width : 30ms
2± 0.05
4± 0.1
φ1.5
1.35
0.7
+0.1
0
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
Y
X
Y’
X’
RELATIVE LUMINOUS INTENSITY (%)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°


Similar Part No. - SMLA13

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
Compact size side-view LEDs
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
SML-A1 Series EXCELEDTM
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
Compact size side-view LEDs
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
Compact size side-view LEDs
SMLA13BC8T ROHM-SMLA13BC8T Datasheet
1Mb / 4P
Compact size side-view LEDs
More results

Similar Description - SMLA13

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
High Brightness Type Side view chip LEDs
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
Standard Type Side view chip LEDs
SMLA13WB ROHM-SMLA13WB Datasheet
108Kb / 3P
Side View Chip LEDs High Brightness Type
SMLA12WB ROHM-SMLA12WB Datasheet
117Kb / 3P
Side View Chip LEDs
SMLC14WBEPW ROHM-SMLC14WBEPW Datasheet
139Kb / 2P
Side View Chip LEDs 1504 <3.8 1.0 t=0.6mm> High Brightness Type
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
<1.6 0.8 t=0.55mm> Low Current Type
SMLA13BDT ROHM-SMLA13BDT Datasheet
100Kb / 2P
Side View Chip LEDs 0605 <1.6 1.15 t=0.55mm> High Brightness Type
logo
Dialight Corporation
C-17871 DIALIGHT-C-17871 Datasheet
178Kb / 1P
0605 SIDE VIEW CHIP LED RoHS COMPLIANT
logo
Rohm
SML-A12 ROHM-SML-A12_06 Datasheet
123Kb / 3P
Side View Chip LEDs
90885 ROHM-90885 Datasheet
112Kb / 3P
0603<1.6 0.8 t=0.55mm> Standard Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com