Electronic Components Datasheet Search
  English  ▼

X  

ACT9200WC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACT9200WC
Description  miniature, low profile SMD Microprocessor clock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT9200WC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACT9200WC Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT9200WC Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT9200WC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
email :
info@actcrystals.com
SPECIFICATION
Supply Current (max)
Iop
Rise & Fall Time (max)
TrTf
Enable output
Enable output
Disable output : High Impedance
240 Deg C for 10sec max
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
@25Deg C
Tosc
±3ppm p / year @ 25 Deg C
Reflow
Fa
Start-up Time
Aging
Supply Voltage
Temp Operating Range
Frequency Range
Frequency Stability
±100ppm
-20 ~ +70°C ( -40~85 °C Custom Option )
VDD
fo
3.3VDC ± 10%
Output Level ‘1’
Duty Cycle
45/55%
Tri-state Input Voltage
VOH
ACT9200WC
Specification
Parameter
Symb.
The ACT9200 family is a miniature, low profile SMD package, with a ceramic base
utilising a seam welded metal lid for high reliability and better long-term stability. The
metal lid is grounded through the package to assist with EMI emission reductions. This
7x5mm device is available as the ACT9200 in both 3V3 and 5V0. 1V8 and 2V5 versions
are available as ACT9200L (See ACT9200L data sheet). Taped and reeled packaging
(1k reels) and loose quantities are available for purchase, to suit high and low volume
production.
( The ACT9200WC is the 32.768kHz version of the ACT9200 family. )
Temp Storage Range
VOL
Δf/fo
Topr
Tstg
Output Level ‘0’
Tw/t
32.768kHz
2.0mA max
100nS max
2.4VDC min (TTL)
90% VDD min (HCMOS)
0.4VDC max (TTL)
10% VDD max (HCMOS)
-55 to +125°C
Condition
Output Load
10TTL / 15pF
10mS max
VIL :
≤10% of V
DD
No Connection
VIH :
≥90% of V
DD
N/CL
ISO9001: 2000 Registered
Period Jitter (absolute)
Tj
3430pS max
Customer to Specify : Frequency Stability, Operating Temperature Range, Output Type, Output enable, Voltage, Duty Cycle
Please note that all parameters can not necessarily be specified in the same device
7.0 +
-0.2
6.45
6.2
5.08
1.2
2.6
+
-
+
-
+
- 0.2
5.0 +
- 0.2
Suggested Footprint
#1
#4
2.0
4.2
5.08
Dimensions in mm
1.6
Pin connections
#1
#2
#3
Ground
Output
Vdd
#4
NC or Tri-State
0.2
0.2
#2
1.4
1.8
1.70 max
APPLICATIONS
- Microprocessor clock
- PDA / notebook
- Wireless applications
- Audio
- Gigabit ethernet
- Fibre channel
- Instrumentation
Issue : 4 SKr
Date : 15/02/05
Pad surface
Material Au
NOTE1: To reduce HF power supply noise, an
external bypass capacitor of 0.01µF close to
ground and Vdd is recommended.


Similar Part No. - ACT9200WC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9200WC ACT-ACT9200WC Datasheet
126Kb / 3P
low profile SMD
15/02/05
More results

Similar Description - ACT9200WC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
miniature, low profile SMD
1/10/05
ACT9200SSC ACT-ACT9200SSC Datasheet
479Kb / 6P
a miniature, low profile SMD
01/02/06
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
miniature, low profile SMD
26/10/05
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
ACT9353 ACT-ACT9353 Datasheet
138Kb / 2P
miniature low profile Clock Oscillator,
12/10/05
logo
MICORO CRYSTAL SWITZERL...
MCSO1H MICROCRYSTAL-MCSO1H Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1EL MICROCRYSTAL-MCSO1EL Datasheet
76Kb / 2P
Miniature SMD Clock-Oscillator
logo
Epson ToYoCom
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
MINIATURE SIZE LOW PROFILE SMD
logo
Abracon Corporation
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com