Electronic Components Datasheet Search
  English  ▼

X  

LF80ABV Datasheet(PDF) 47 Page - STMicroelectronics

Part # LF80ABV
Description  Very low drop voltage regulators with inhibit
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF80ABV Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LF80ABV Datasheet HTML 41Page - STMicroelectronics LF80ABV Datasheet HTML 42Page - STMicroelectronics LF80ABV Datasheet HTML 43Page - STMicroelectronics LF80ABV Datasheet HTML 44Page - STMicroelectronics LF80ABV Datasheet HTML 45Page - STMicroelectronics LF80ABV Datasheet HTML 46Page - STMicroelectronics LF80ABV Datasheet HTML 47Page - STMicroelectronics LF80ABV Datasheet HTML 48Page - STMicroelectronics LF80ABV Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
LFxxAB - LFxxC
Order codes
47/49
7
Order codes
Table 32.
Order codes
Packages
Output
voltage
TO-220
TO-220FP
DPAK
DPAK (T&R)
PPAK
PPAK (T&R)
LF15CV(1)
1.
Available on request.
LF15CP(1)
LF15CPT(1)
LF15CPT-TR(1)
1.5 V
LF15ABV(1)
LF15ABP(1)
LF15ABDT-TR
LF15ABPT(1)
1.5 V
LF18CP(1)
LF18CDT-TR
LF18CPT-TR
1.8 V
LF18CDT-TRY(2)
2.
Automotive Grade products.
1.8 V
LF18ABP(1)
LF18ABDT-TR
LF18ABPT-TR
1.8 V
LF25CP(1)
LF25CDT-TR
LF25CPT-TR
2.5 V
LF25CDT-TRY(2)
2.5 V
LF25ABP(1)
LF25ABDT-TR
LF25ABPT(1)
2.5 V
LF25ABDT-TRY(2)
2.5 V
LF33CV
LF33CDT-TR
LF33CPT-TR
3.3 V
LF33CDT-TRY(2)
LF33CPT-TRY(2)
3.3 V
LF33ABV
LF33ABDT-TR
3.3 V
LF47CV
4.7 V
LF50CV
LF50CP
LF50CDT-TR
LF50CPT-TR
5 V
LF50CDT-TRY(2)
LF50CPT-TRY(2)
5 V
LF50ABV
LF50ABP
LF50ABDT-TR
LF50ABPT-TR
5 V
LF50ABDT-TRY(2)
5 V
LF60CV
LF60CP(1)
LF60CDT-TR
LF60CPT-TR(1)
6 V
LF60ABV
LF60ABP(1)
LF60ABDT-TR
LF60ABPT(1)
LF60ABPT-TR(1)
6 V
LF80CV
LF80CP(1)
LF80CDT-TR
LF80CPT-TR
8 V
LF80CDT-TRY(2)
8 V
LF80ABV
LF80ABP(1)
LF80ABDT-TR
LF80ABPT-TR
8 V
LF85CP
LF85CDT-TR
LF85CPT-TR
8.5 V
LF85CDT-TRY(2)
LF85CPT-TRY(2)
8.5 V
LF85ABP
LF85ABPT(1)
LF85ABPT-TR
8.5 V
LF90CV
LF90CP(1)
LF90CDT-TR
LF90CPT-TR
9 V
LF90ABV
LF90ABP(1)
LF90ABDT(1)
LF90ABDT-TR
LF90ABPT-TR
9 V
LF120CP(1)
LF120CDT-TR
12 V
LF120ABV
LF120ABDT-TR
LF120ABPT(1)
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com