Electronic Components Datasheet Search
  English  ▼

X  

PS9303L-AX Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS9303L-AX
Description  1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9303L-AX Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS9303L-AX Datasheet HTML 8Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 9Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 10Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 11Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 12Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 13Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 14Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 15Page - Renesas Technology Corp PS9303L-AX Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PS9303L,PS9303L2 Data Sheet
R08DS0254EJ0100 Rev.1.00
Page 13 of 15
Nov 12, 2021
maximum ratings.
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Rating
Unit
Climatic test class (IEC 60068-1/DIN EN 60068-1)
40/100/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.6
× UIORM., Pd < 5 pC
UIORM
Upr
1 130
1 808
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Upr = 1.875
× UIORM., Pd < 5 pC
Upr
2 119
Vpeak
Highest permissible overvoltage
UIOTM
8 000
Vpeak
Degree of pollution (IEC 60664-1/DIN EN 60664-1 (VDE 0110-1))
2
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303-11))
CTI
175
Material group (IEC 60664-1/DIN EN 60664-1 (VDE 0110-1))
III a
Storage temperature range
Tstg
− 55 to +125
°C
Operating temperature range
TA
− 40 to +110
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25 °C
VIO = 500 V dc at TA MAX. at least 100 °C
Ris MIN.
Ris MIN.
1012
1011
Ω
Ω
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = Tsi
Tsi
Isi
Psi
Ris MIN.
175
400
700
109
°C
mA
mW
Ω
Dependence of maximum safety ratings with package temperature
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
175
200
Package temp Tsi (°C)
Psi: Total Power Dissipation
Isi: Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com