Electronic Components Datasheet Search
  English  ▼

X  

LF120ABV Datasheet(PDF) 12 Page - STMicroelectronics

Part # LF120ABV
Description  Very low drop voltage regulators with inhibit
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF120ABV Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LF120ABV Datasheet HTML 8Page - STMicroelectronics LF120ABV Datasheet HTML 9Page - STMicroelectronics LF120ABV Datasheet HTML 10Page - STMicroelectronics LF120ABV Datasheet HTML 11Page - STMicroelectronics LF120ABV Datasheet HTML 12Page - STMicroelectronics LF120ABV Datasheet HTML 13Page - STMicroelectronics LF120ABV Datasheet HTML 14Page - STMicroelectronics LF120ABV Datasheet HTML 15Page - STMicroelectronics LF120ABV Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Electrical characteristics
LFxxAB - LFxxC
12/49
Table 8.
Electrical characteristics for LF18CDT-TRY (Automotive Grade) (refer to the test
circuits, TA = -40 to 125°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 50 mA, VI = 3.5 V, Ta = 25°C
1.764
1.8
1.836
V
IO = 50 mA, VI = 3.5 V
1.713
1.887
VI
Operating input voltage
IO = 500 mA
3
16
V
IO
Output current limit
Ta = 25°C
1
A
ΔVO
Line regulation
VI = 2.8 to 16 V, IO = 5 mA
2
15
mV
ΔVO
Load regulation
VI = 3.3 V, IO = 5 to 500 mA
2
15
mV
Id
Quiescent current
VI = 2.5 to 16V, IO = 0mA
ON MODE
0.5
2
mA
VI = 3.1 to 16V, IO=500mA
12
VI = 6 V
OFF MODE
50
120
µA
SVR
Supply voltage rejection
IO = 5 mA, VI = 3.5 ± 1 V
Ta = 25°C
f = 120 Hz
82
dB
f = 1 kHz
77
f = 10 kHz
60
eN
Output noise voltage
B = 10 Hz to 100 kHz, Ta = 25°C
50
µV
Vd
Dropout voltage
IO = 200 mA
0.2
1.3
V
IO = 500 mA
0.4
1.3
VIL
Control input logic low
0.8
V
VIH
Control input logic high
2
V
II
Control input current
VI = 6 V, VC = 6 V, Ta = 25°C
10
µA
CO
Output bypass
capacitance
ESR = 0.1 to 10
Ω, IO = 0 to 500 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com