Electronic Components Datasheet Search
  English  ▼

X  

9401 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # 9401
Description  Couplings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

9401 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  9401 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
87
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group · Tel.: Germany (6 21) 7 76-11 11 · USA (3 30) 4 25 35 55 · Singapore 8 73 16 37 · Internet http://www.pepperl-fuchs.com
Couplings
9401
Technical Data
Max. rpm
12000 min-1
Nominal torque
0.4 Nm
Max. radial mismatch
± 0.4 mm
Max. radial mismatch
± 2.5 °
Max. axial mismatch
± 0.4 mm
Moment of inertia
25 kgm2 · 10-4
Binding posts
M4 (DIN 916)
Max. starting torque
80 Ncm
Material:
Flange
zinc diecasting
Housing
polyamide 6.6
Weight
≈ 23 g
Technical Data
Max. rpm
3000 min-1
Nominal torque
1.5 Nm
Max. radial mismatch
1.5 mm
Max. angle error
5.0 °
Max. axial mismatch
± 1 mm
Moment of inertia
11.77 kgm2 · 10-4
Binding posts
M5 (DIN 916)
Max. starting torque
120 Ncm
Material
nickel-faced spring
steel, zinc diecasting
Weight
≈ 120 g
Couplings
d
1
6 8 8 10 12
d
2
6 8 10 10 12
d
1
610
d
2
610
9402
Spring disc coupling 9403
Technical Data
Max. rpm
3000 min-1
Nominal torque
0.5 Nm
Max. radial mismatch
1 mm
Max. angle error
5.0 Grad
Max. axial mismatch
± 1 mm
Moment of inertia
1.22 kgm2 · 10-4
Binding posts
M4
Material
nickel-faced spring
steel, zinc diecasting
Weight
≈ 28 g
d
1
678
d
2
678
5
50
M5
35
5
M4
4.9
4.9
20
22
M2.5x10
DIN 912 (2x)


Similar Part No. - 9401

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
Surface Mount Reed Relays
logo
3M Electronics
9401 3M-9401 Datasheet
1Mb / 3P
Sample Development Design Kits for High Speed Cabling and Connectors
01-Oct-2008
logo
Keystone Electronics Co...
9401 KEYSTONE-9401 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Knowles Electronics
9401-0 KNOWLES-9401-0 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
9401-05-00 ETC-9401-05-00 Datasheet
101Kb / 2P
Surface Mount Reed Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com