Electronic Components Datasheet Search
  English  ▼

X  

TWA5 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # TWA5
Description  SELF-ADJUSTING WEIGH ASSEMBLIES WITH LC501/LCM501 SERIES LOAD CELL INCLUDED STANDARD AND METRIC MODELS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

TWA5 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  TWA5 Datasheet HTML 1Page - Omega Engineering, Inc. TWA5 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Note: Weighing assembly is shipped fully assembled including the load cell. Load cell comes with 5-point NIST-traceable calibration and 59 kΩ
shunt data. LC501 series load cell will be installed into the TWA module.
Ordering Examples: TWA6-5K, 5000 lb weighing assembly in stainless steel with, LC501-5K load cell included.
TWA5-750, 750 lb weighing assembly in carbon steel with LC501-750 load cell included.
TWAM6-2.5K, 2500 kgf capacity stainless steel weighing assembly with LCM501-2.5K, load cell (included).
TWAM5-250, 250 kgf capacity carbon steel weighing assembly with LCM501-250, load cell (included).
SELF-ADJUSTING WEIGH ASSEMBLIES
COMPATIBLE METERS/CONTROLLERS FOR PX309 SERIES PRESSURE TRANSDUCERS
The iSeries is available in 1
⁄32,
1⁄16, and 1⁄8 DIN programmable
process controllers with serial
and embedded Internet/Ethernet
communications (Order EI Option
CNi16D). The iSeries features
programmable color displays, free
software and ActiveX Controls,
selectable full autotune PID
control, and NEMA 4 (IP65) rated
front bezel. Ordering Examples:
DPiS8, strain/process (monitor
only), 1
⁄8 DIN; CNiS8, strain/
process controller with
2 control outputs.
Visit us online for a complete
selection.
To Order
WEIGHING ASSEMBLIES WITH LOAD CELL
CAPACITY
CARBON STEEL
STAINLESS STEEL
REPLACEMENT LOAD CELL
kgf
lb
MODEL NO.
MODEL NO.
MODEL NO.
STANDARD MODELS
45
100
TWA5-100
TWA6-100
LC501-100
91
200
TWA5-200
TWA6-200
LC501-200
227
500
TWA5-500
TWA6-500
LC501-500
341
750
TWA5-750
TWA6-750
LC501-750
455
1000
TWA5-1K
TWA6-1K
LC501-1K
909
2000
TWA5-2K
TWA6-2K
LC501-2K
1361
3000
TWA5-3K
TWA6-3K
LC501-3K
2269
5000
TWA5-5K
TWA6-5K
LC501-5K
4537
10,000
TWA5-10K
TWA6-10K
LC501-10K
9074
20,000
TWA5-20K
TWA6-20K
LC501-20K
METRIC MODELS
25
55
TWAM5-25
TWAM6-25
LCM501-25
50
110
TWAM5-50
TWAM6-50
LCM501-50
100
220
TWAM5-100
TWAM6-100
LCM501-100
250
551
TWAM5-250
TWAM6-250
LCM501-250
500
1102
TWAM5-500
TWAM6-500
LCM501-500
1000
2205
TWAM5-1K
TWAM6-1K
LCM501-1K
2500
5512
TWAM5-2.5K
TWAM6-2.5K
LCM501-2.5K
5000
11,023
TWAM5-5K
TWAM6-5K
LCM501-5K
10,000
22,046
TWAM5-10K
TWAM6-10K
LCM501-10K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com