Electronic Components Datasheet Search
  English  ▼

X  

DS40 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # DS40
Description  power light source LUXEON짰 V Portable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS40 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  DS40 Datasheet HTML 1Page - Lumileds Lighting Company DS40 Datasheet HTML 2Page - Lumileds Lighting Company DS40 Datasheet HTML 3Page - Lumileds Lighting Company DS40 Datasheet HTML 4Page - Lumileds Lighting Company DS40 Datasheet HTML 5Page - Lumileds Lighting Company DS40 Datasheet HTML 6Page - Lumileds Lighting Company DS40 Datasheet HTML 7Page - Lumileds Lighting Company DS40 Datasheet HTML 8Page - Lumileds Lighting Company DS40 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LUXEON V Portable Datasheet DS40 (8/06)
2
Table of Contents
Mechanical Dimensions — Emitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Mechanical Dimensions — Star . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Part Number Matrix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Flux Characteristics at 700mA, Junction Temperature, TJ = 25ºC . . . . . . . . . . . . . . . . . . . . .4
Electrical Characteristics at 700mA, Junction Temperature, TJ = 25ºC . . . . . . . . . . . . . . . . .5
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC . . . . . . . . . . . . . . . . . . .5
Absolute Maximum Ratings
Emitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Wavelength Characteristics, TJ = 25ºC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Light Output Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
Forward Current Characteristics, TJ = 25ºC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
Current Derating Curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Representative Typical Spatial Radiation Pattern . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Average Lumen Maintenance Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Emitter Reel Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com