Electronic Components Datasheet Search
  English  ▼

X  

PSG08382 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08382
Description  Desk Monitor Arm with VESA Mount and Keyboard Tray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08382 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08382 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/03/22
Desk Monitor Arm with VESA
Mount and Keyboard Tray
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Desk Monitor Arm with VESA Mount and Keyboard Tray
PSG08382
Description
Combines a monitor arm and keyboard tray to create a high quality workstation solution.
Ideal for office and point-of-sale applications.
Diagram
Features
• Suitable for TFT monitors up to 10kg and 385mm in height
• 75mm and 100mm VESA mounting plate providing tilt and rotation (independent of keyboard swivel)
• The 625×175mm (W×D) keyboard tray has enough space for a mouse
• Height from top of desk to centre of VESA mounting plate is 460mm
• Arm extends from 220 to 600mm
• Keyboard tray swivels 320° left to right
• Maximum clamp thickness of 95mm
• Base clamp rotates 360°
• Overall dimensions (H×W×D): 520×635×560mm at minimum extension
• Integrated cable management
Contents
Monitor arm, keyboard tray, wrist rest, mouse pad and user guide
180
271
590~980
6~Ø10
102
105
75
67


Similar Part No. - PSG08382

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08321 PROSIGNAL-PSG08321 Datasheet
182Kb / 1P
4mm Banana Plug
V1.0 04/01/22
PSG08322 PROSIGNAL-PSG08322 Datasheet
182Kb / 1P
4mm Banana Plug
V1.0 04/01/22
More results

Similar Description - PSG08382

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-873 AXIOMTEK-IFO2175-873 Datasheet
515Kb / 2P
Supports optional wall mount, VESA arm and desktop stand
P6171 AXIOMTEK-P6171 Datasheet
242Kb / 2P
Supports panel mount, wall mount, rack mount and VESA arm
GOT3157W-834-PCT AXIOMTEK-GOT3157W-834-PCT_16 Datasheet
498Kb / 2P
Supports panel mount and optional VESA arm/desktop stand/wall mount
GOT3177T-834 AXIOMTEK-GOT3177T-834_16 Datasheet
481Kb / 2P
Supports panel mount and optional VESA arm/desktop stand wall mount
GOT3187W-832-PCT AXIOMTEK-GOT3187W-832-PCT Datasheet
530Kb / 2P
Supports panel mount and optional VESA arm/desktop stand/ wall mount
IFO2225-873 AXIOMTEK-IFO2225-873 Datasheet
505Kb / 2P
Supports optional Wall mount, VESA arm and desktop stand
P6171 AXIOMTEK-P6171_16 Datasheet
292Kb / 2P
Supports panel mount, wall mount, rack mount and VESA arm
P6192 AXIOMTEK-P6192_16 Datasheet
359Kb / 2P
Supports panel mount, wall mount, rack mount and VESA arm
logo
Tripp Lite. All Rights ...
DDR1727DC TRIPPLITE-DDR1727DC Datasheet
166Kb / 2P
Dual-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 27??Monitors
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com