Electronic Components Datasheet Search
  English  ▼

X  

0207 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 0207
Description  Professional Metal Film Leaded Resistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0207 Datasheet(HTML) 3 Page - Vishay Siliconix

  0207 Datasheet HTML 1Page - Vishay Siliconix 0207 Datasheet HTML 2Page - Vishay Siliconix 0207 Datasheet HTML 3Page - Vishay Siliconix 0207 Datasheet HTML 4Page - Vishay Siliconix 0207 Datasheet HTML 5Page - Vishay Siliconix 0207 Datasheet HTML 6Page - Vishay Siliconix 0207 Datasheet HTML 7Page - Vishay Siliconix 0207 Datasheet HTML 8Page - Vishay Siliconix 0207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 11-Jul-2018
3
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Resistance ranges printed in bold are preferred TCR / tolerance combinations with optimized availability
(1) Resistance value to be selected from E24 series for ± 5 %, ± 2 %, from E24/E96 series for ± 1 % tolerance and from E24/E192 for ± 0.5 %
tolerance
(2) AEC-Q200 qualification applies to products with TCR = ± 50 ppm/K and tolerance = ± 1 % in the ranges of 10
 to 301 k for MBA/SMA
0204, 10
 to 7.5 M for MBB/SMA 0207, and 10  to 22 M for MBE/SMA 0414
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE - Standard Products
TYPE
TCR
TOLERANCE
RESISTANCE (1)(2)
E-SERIES
MBA/SMA 0204
± 50 ppm/K
± 5 %
0.22
 to 0.91
E24
± 1 %
1
 to 10 M
E24; E96
± 0.5 %
10
 to 475 k
E24; E192
± 25 ppm/K
± 1 %
10
 to 475 k
E24; E96
± 0.5 %
10
 to 475 k
E24; E192
Jumper
-
< 10 m
; I
max. = 3 A
-
MBB/SMA 0207
± 50 ppm/K
± 5 %
0.22
 to 0.91
11 M
 to 22 M
E24
± 1 %
1
 to 10 M
E24; E96
± 2 %
0.22
 to 0.91
E24
± 0.5 %
10
 to 1 M
E24; E192
± 25 ppm/K
± 1 %
10
 to 1 M
E24; E96
± 0.5 %
10
 to 1 M
E24; E192
Jumper
-
< 10 m
; I
max. = 5 A
-
MBE/SMA 0414
± 50 ppm/K
± 5 %
0.22
 to 0.91
E24
± 1 %
1
 to 22 M
E24; E96
± 0.5 %
10
 to 2.43 M
E24; E192
± 25 ppm/K
± 1 %
10
 to 2.43 M
E24; E96
± 0.5 %
10
 to 2.43 M
E24; E192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com