Electronic Components Datasheet Search
  English  ▼

X  

DS09 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # DS09
Description  SnapLED 70
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS09 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  DS09 Datasheet HTML 1Page - Lumileds Lighting Company DS09 Datasheet HTML 2Page - Lumileds Lighting Company DS09 Datasheet HTML 3Page - Lumileds Lighting Company DS09 Datasheet HTML 4Page - Lumileds Lighting Company DS09 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Outline Drawings
Selection Guide
Part Number
LED Color
Total flux ΦV (lm)
@ 70 mA[1]
Min.
Total Included
angle θ0.90 V
(Degrees) [2]
Typ.
HPWT-TH00-00000
TS AlInGaP Red-Orange
3.0
120
HPWT-FH00-00000
70
HPWT-TL00-00000
TS AlInGaP Amber
1.5
120
HPWT-FL00-00000
70
Absolute Maximum Ratings at T
A = 25°C
Parameter
HPWT-Tx00/Fx00
Units
DC Forward Current [1,2]
70
mA
Power Dissipation
221
mW
Reverse Voltage (IR = 100 µA)
10
V
Operating Temperature Range
-
40 to +100
°C
Storage Temperature Range
-
55 to +100
°C
High Temperature Chamber
125 (2 hrs.)
°C
LED Junction Temperature
125
°C
SnapLED 70 Technical Data
2
Document #: DS09 (08/05)
Notes:
1. Dimensions are in millimeters (inches).
2. Dimensions without tolerances are
nominal.
3. Cathode lead is indicated with a
"C" and anode lead is indicated
with an "A."
4. Special characteristics are designated
with a triangle.
5. Clinch joint locations shown in dashed
lines on top view of part (11.50 mm
spacing).
Notes:
1. Operation at currents below 10 mA is
not recommended.
2. Derate linearly as shown in Figure 3.
Notes:
1. Φ
V is the total luminous flux output as
measured with an integrating sphere
after the device has stabilized
(R
θ
j-a = 200°C/W, TA = 25°C).
2. θ
0.90 V is the included angle at which 90%
of the total luminous flux is captured.
See Figure 5.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com