Electronic Components Datasheet Search
  English  ▼

X  

AP6V01LI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP6V01LI
Description  -16V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP6V01LI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP6V01LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP6V01LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP6V01LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP6V01LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP6V01LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP6V01LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP6V01LI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP6V01LI
-16V P+P-Channel Enhancement Mode MOSFET
AP6V01LI REV1.0
永源微電子科技有限公司
Description
The AP6V01LI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -16V ID =-6A
RDS(ON) < 25mΩ @ VGS=-4.5V (Type:18mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP6V01LI
SOT23-6L
AP6V01LI
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-16
V
VGS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current, VGS @ -4.5V1
-6
A
ID@TA=70℃
Continuous Drain Current, VGS @ -4.5V1
-3.4
A
IDM
Pulsed Drain Current2
-24
A
PD@TA=25℃
Total Power Dissipation3
1.31
W
PD@TA=70℃
Total Power Dissipation3
0.74
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
125
℃/W
RθJC
Thermal resistance, junction-case
7.4
℃/W


Similar Part No. - AP6V01LI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP6V02BF APME-AP6V02BF Datasheet
814Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP6V02LI APME-AP6V02LI Datasheet
1,007Kb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP6V03LI APME-AP6V03LI Datasheet
1,019Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP6V03S APME-AP6V03S Datasheet
801Kb / 7P
-30V PP-Channel Enhancement Mode MOSFET
REV1.0
AP6V06S APME-AP6V06S Datasheet
1Mb / 7P
-60V PP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP6V01LI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
Leshan Radio Company
LP2307LT1G LRC-LP2307LT1G_15 Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
LP2307LT1G LRC-LP2307LT1G Datasheet
377Kb / 4P
16V P-Channel Enhancement-Mode MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com