Electronic Components Datasheet Search
  English  ▼

X  

AP6V03S Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP6V03S
Description  -30V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP6V03S Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP6V03S Datasheet HTML 1Page - A POWER MICROELECTRONICS AP6V03S Datasheet HTML 2Page - A POWER MICROELECTRONICS AP6V03S Datasheet HTML 3Page - A POWER MICROELECTRONICS AP6V03S Datasheet HTML 4Page - A POWER MICROELECTRONICS AP6V03S Datasheet HTML 5Page - A POWER MICROELECTRONICS AP6V03S Datasheet HTML 6Page - A POWER MICROELECTRONICS AP6V03S Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP6V03S
-30V P+P-Channel Enhancement Mode MOSFET
AP6V03S REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= -250μA
-30
33
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= -30V, VGS= 0V
-
-
-1
μA
IGSS
Gate-Source Leakage
VDS= 0V, VGS= ±20V
-
-
±100
nA
VGS(th)
Gate-Source Threshold Voltage3
VDS= VGS, ID= -250μA
-1.2
-1.6
-2.5
V
RDS(on)
Drain-Source on-State Resistance3
VGS= -10V, ID= -3.0A
-
33
40
mΩ
VGS= -4.5V, ID= -2.0A
-
46
65
Ciss
Input Capacitance
VGS=0V , VDS = -15V,
f= 1.0MHz
-
530
-
pF
Coss
Output Capacitance
-
70
-
Crss
Reverse Transfer Capacitance
-
56
-
td(on)
Turn-on Delay Time4
VGS= -10V, VDS= -15V ,
RL= 15Ω,RGEN= 2.5Ω
-
14
-
nS
tr
Rise Time4
-
61
-
td(off)
Turn-off Delay Time4
-
19
-
tf
Fall Time4
-
10
-
Qg
Total Gate Charge4
VGS=-10V, VDS=-15V,
ID=-4.1A
-
6.8
-
nC
Qgs
Gate−Source Charge4
-
1.0
-
Qgd
Gate−Drain Charge4
-
1.4
-
VSD
Diode Forward Voltage
IS = -4.1A, VGS = 0V
-
-
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150
℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com