Electronic Components Datasheet Search
  English  ▼

X  

MS24A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS24A
Description  Buffered Analogue Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS24A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS24A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. No.
E
Revision Note
Web Site 2001
Date
1-2-01
Signature
RG
PART NUMBER
Comus Group of Companies
PRODUCT DATA SHEET
MOVEMENT / VIBRATION MODULE
Buffered Analogue Output - Non Mercury Contacts
MS24A/30
FORM AE043 ISS2
As part of the company policy of continued product improvement, specifications may change without notice. Our sales
office will be pleased to help you with the latest information on this product range and details of our full design and
manufacturing service. All products are supplied to our standard conditions of sale otherwise agreed in writing.
© 2001 Copyright Comus Group of Companies
The Comus Group of Companies
consist of:
Assemtech Europe Limited
E. Bachem GmbH
Comus International
W. Gunther GmbH
Gunther Belgium
Gunther France
S.T.G.
50.8
(2.38)
38.0
(1.49)
4.7ø
(.18)
300.0
(11.81)
32.0
(1.26)
20.3
(.80)
Adjustment
Drawings not to scale
All dimensions in mm
SPECIFICATION
SUPPLY VOLTAGE
SUPPLY CURRENT
OUTPUT
OPERATING TEMPERATURE
STORAGE TEMPERATURE
CASE MATERIAL
Max. Vdc
Max. mA
Deg. ˚C
Deg. ˚C
5
40
24mA at 5Vdc
-10˚ + 70˚
-10
° +75°
ABS
This non-mercury sensor has been designed to detect movement or vibration. The sensor will react when
disturbed by giving a fleeting change of state (ie normally open to normally closed or vice versa). The time
taken to settle depends on the amount of energy absorbed by the sensor; the settled state will normally be
closed. The sensors contacts, when undisturbed, are normally closed, however it is possible to mount the
switch with contacts open therefore we recommend that applications look for change of state not contact
open or closed. This product offers additional sensitivity adjustment via an internal potentiometer. The
output is referenced to 0V and can drive a transistor or similar device.
Manufactured in UK
This product is fully sealed to give maximum mechanical protection and minimise the ingress of
dust and moisture. As a guide, the product is expected to meet the requirements of IP65.
3 x round 0.142 PVC
covered and insulated
Brown:
Green:
White:
5V
0V
O/P


Similar Part No. - MS24A

ManufacturerPart #DatasheetDescription
logo
Comus International
MS24A COMUS-MS24A_30 Datasheet
481Kb / 1P
Movement / Vibration Module
More results

Similar Description - MS24A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-44D ETC2-ADC-44D Datasheet
292Kb / 66P
Multi-Function Analogue Input/Output Card
logo
Crydom Inc.,
6411 CRYDOM-6411 Datasheet
53Kb / 2P
AC Output Buffered Modules
logo
Carlo Gavazzi Holding A...
UA30CAD35NGM1TI CARLOGAVAZZI-UA30CAD35NGM1TI Datasheet
344Kb / 4P
Ultrasonic Diffuse, Analogue and Digital Output
UA18ESD08AGM1TI CARLOGAVAZZI-UA18ESD08AGM1TI Datasheet
440Kb / 4P
Ultrasonic Diffuse, Analogue Output
UA18EAD04NGM1TI CARLOGAVAZZI-UA18EAD04NGM1TI Datasheet
535Kb / 4P
Ultrasonic Diffuse, Analogue and Digital Output
UA18CSD08AGM1TI CARLOGAVAZZI-UA18CSD08AGM1TI Datasheet
409Kb / 4P
Ultrasonic Diffuse, Analogue Output
logo
Festo Corporation.
4080494 FESTO-4080494 Datasheet
75Kb / 2P
Analogue output module
541486 FESTO-541486 Datasheet
89Kb / 2P
Analogue module
560362 FESTO-560362 Datasheet
112Kb / 2P
Analogue module
logo
Crydom Inc.,
6311 CRYDOM-6311 Datasheet
162Kb / 2P
DC Output Buffered Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com