Electronic Components Datasheet Search
  English  ▼

X  

4650 Datasheet(PDF) 1 Page - Santronics Inc

Part # 4650
Description  4620/4650 ADJUSTABLE THERMOPLASTIC WRIST STRAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

4650 Datasheet(HTML) 1 Page - Santronics Inc

  4650 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWING
NUMBER
4620/4650
4620/4650 ADJUSTABLE THERMOPLASTIC WRIST STRAP
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Made in the
United States of America
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance ±10%
The Wristband 4600 Series consists of an insulative exterior with conductive
interior and metal male snap available in 4mm. Made of thermoplastic material,
the Wristband 4600 Series is lightweight, low profile and makes contact with
human skin, assuring employee acceptance while helping to ensure ease of use.
The “zipper” style latching mechanism easily adjusts to most wrist sizes. Meets
requirements of ANSI/ESD S20.20 and Wrist Strap standard ANSI/ESD S1.1,
and meets EN 61340-5-1 and IEC 61340-4-6.
Specifications
Typical Value
Test Method
Material
Thermoplastic elastomer;
copolyester
Size
Adjustable, small/large,
1.7 to 2.6 in diameter
(43.2 mm to 66 mm)
Resistance Inside
< 1 x 105 ohms
ANSI/ESD S1.1/
IEC 61340-4-6
Resistance Outside
> 1 x 107 ohms
ANSI/ESD S1.1/
IEC 61340-4-6
Cleanable
Water/mild detergent or
10% isopropyl solution
Snap
4mm
Snap Release
< 2 lbs.
Back Plate
Stainless Steel
Item
Description
4620
Wristband with 4mm male snap
4650
Wrist Strap with 4mm male snap and
4610 Coil Cord
DATE
May
2017
© 2017 DESCO INDUSTRIES INC.
Employee Owned
U.S. Patent 6,256,847


Similar Part No. - 4650

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4650 POMONA-4650 Datasheet
21Kb / 1P
Minigrabber Test Clip To In-Line Banana Plug
logo
List of Unclassifed Man...
4650 ETC-4650 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4650 HEYCO-4650 Datasheet
360Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Pomona Electronics
4650-24-0 POMONA-4650-24-0 Datasheet
21Kb / 1P
Minigrabber Test Clip To In-Line Banana Plug
4650-24-2 POMONA-4650-24-2 Datasheet
21Kb / 1P
Minigrabber Test Clip To In-Line Banana Plug
More results

Similar Description - 4650

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6082 POMONA-6082 Datasheet
23Kb / 1P
Elastic Wrist Strap With Clip & Cord
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
List of Unclassifed Man...
98132 ETC-98132 Datasheet
405Kb / 3P
AC Outlet Analyzer and Wrist Strap Tester Installation, Operation and Maintenance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com