Electronic Components Datasheet Search
  English  ▼

X  

10044 Datasheet(PDF) 2 Page - 3M Electronics

Part # 10044
Description  3MTM Static Shielding Bag SCC 1000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10044 Datasheet(HTML) 2 Page - 3M Electronics

  10044 Datasheet HTML 1Page - 3M Electronics 10044 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M SCC 1000 ZipTop
3M SCC 1000 Open Top
3M
TM Static Shielding Bag SCC 1000
Open Top Static Shielding Bag ~ Metal-In
W"x L" P/N
W"x L" P/N
W"x L" P/N
2 x 3
10023
7 x 8
10078
12 x 18 1001218
2 x 4
10024
7 x 10 100710
12 x 24 1001224
2 x 6
10026
7 x 11 100711
12 x 25 1001225
3 x 5
10035
7 x 15 100715
12 x 30 1001230
4 x 4
10044
7 x 16 100716
14 x 16 1001416
4 x 6
10046
8 x 8
10088
14 x 18 1001418
4 x 8
10048
8 x 10 100810
14 x 20 1001420
4 x 24 100424
8 x 12 100812
14 x 30 1001430
4 x 26 100426
8 x 14 100814
15 x 18 1001518
4 x 30 100430
8 x 16 100816
16 x 18 1001618
5 x 6
10056
8 x 18 100818
16 x 20 1001620
5 x 7
10057
8 x 24 100824
16 x 24 1001624
5 x 8
10058
8 x 30 100830
16 x 30 1001630
5 x 10 100510
9 x 12 100912
18 x 18 1001818
6 x 8
10068
10 x 12 1001012
18 x 20 1001820
6 x 9
10069
10 x 14 1001014
18 x 24 1001824
6 x 10 100610
10 x 16 1001016
18 x 30 1001830
6 x 12 100612
10 x 18 1001018
20 x 20 1002020
6 x 14 100614
10 x 24 1001024
20 x 24 1002024
6 x 16 100616
10 x 26 1001026
22 x 24 1002224
6 x 18 100618
10 x 30 1001030
24 x 24 1002424
6 x 24 100624
11 x 14 1001114
24 x 30 1002430
6 x 26 100626
11 x 15 1001115
24 x 36 1002436
6 x 30 100630
12 x 12 1001212
30 x 24 1003024
6.5 x 10 1006.510
12 x 14 1001214
6.5 x 16 1006.516
12 x 16 1001216
W"x L" P/N
W" x L" P/N
W" x L" P/N
2 x 3
30023
6 x 24 300624
11 x 15 3001115
3 x 3
30033
6 x 30 300630
12 x 12 3001212
3 x 5
30035
7 x 15 300715
12 x 16 3001216
4 x 4
30044
8 x 8
30088
12 x 18 3001218
4 x 6
30046
8 x 10 300810
14 x 18 3001418
4 x 8
30048
8 x 12 300812
15 x 18 3001518
4 x 24 300424
9 x 12 300912
16 x 24 3001624
4 x 30 300430
10 x 10 3001010
18 x 18 3001818
5 x 8
30058
10 x 12 3001012
18 x 24 3001824
5 x 10 300510
10 x 14 3001014
20 x 24 3002024
6 x 8
30068
10 x 24 3001024
24 x 24 3002424
6 x 10 300610
10 x 30 3001030
OPENING
SEAL
FOLD
LENGTH
WIDTH
SEAM
WIDTH
OPENING
SEAL
FOLD
ZIPTOP
LENGTH
WIDTH
SEAM
WIDTH
3M
TM Static Shielding Bag SCC 1000 ZipTopTM
Recloseable Static Shielding Bag ~ Metal-In
1”
All standard sizes in-stock/same day shipment.
Width is measured from inside seam to inside seam.
Length is measured from the top edge to the bottom fold.
Opening is in the “width” dimension.
Custom bag sizes, custom printing, and custom hot
stamping are available.
Most sizes are packed 100 per case.
Small sizes are packed 1000 or 500 per case.
SCC 1000 Static Shielding Bag METAL-IN
PRODUCT
D
A
T
A
SHEET
STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
ITEM NUMBER
100(W”)(L”)
1100-A
98-0799-1068-7
DATASHEET
PRODUCT
3M is a trademark of 3M Company.
All other trademarks herein are the property
of their respective owners.
3M Electronic Solutions Division
6801 River Place Blvd
Austin, TX 78726-9000
US and Canada: 866-722-3736
Fax: 866-722-3735
Intl: 919-718-0000; Fax: 919-774-8174
email: 3Mstaticinfo@mmm.com; www.3Mstatic.com
© 3M 2011. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com