Electronic Components Datasheet Search
  English  ▼

X  

100430 Datasheet(PDF) 1 Page - 3M Electronics

Part # 100430
Description  3MTM Static Shielding Bag SCC 1000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

100430 Datasheet(HTML) 1 Page - 3M Electronics

  100430 Datasheet HTML 1Page - 3M Electronics 100430 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M
TM Static Shielding Bag SCC 1000
SCC 1000 Static Shielding Bag METAL-IN
PRODUCT
D
A
T
A
SHEET
STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
ITEM NUMBER
100(W”)(L”)
1100-A
98-0799-1068-7
DATASHEET
PRODUCT
Static Shielding Bag ~ Metal-In
Sizes on Page 2
This transparent, metallized static shield bag provides a static safe environment for sensi-
tive electronic devices. Four layer construction. Polyester dielectric and metal layer provide
Faraday effect shielding of ESD and fields. Tribocharging is minimized by the specially
processed polyethylene. Flat and zipper closure styles. Coded for QC traceability. These
bags are tested to meet or exceed certain electrical and physical requirements of ANSI/ESD
S541, EIA 625, and to be ANSI/ESD S20.20 program compliant.
Specifications
Electrical Properties:
Typical Values
Test Method*
Surface Resistivity / Resistance
ASTM D257
or
ANSI/ESD STM11.11
Interior
<1012 ohms/square or
<1011 ohms
Exterior
<1012 ohms/square or
<1011 ohms
Metal
100 ohms
Static Shielding
< 30 volts
EIA 541
Static Shielding
< 10 nJ
ANSI/ESD STM11.31
Static Decay
< 0.05 seconds
MIL-STD-3010 4046
Charge Generation
PTFE
0.09 nC/sq.in.
Modified Inclined Plane
Quartz
0.01 nC/sq.in.
Physical Properties:
Tensile Strength
4700 PSI
ASTM D 882
Seam Strength
> 10 lbs
ASTM D 882
Light Transmission
40 %
Tobias
Heat Sealing Conditions
Temperature
250
oF - 375o F
Time
0.5 - 3.5 seconds
Pressure
30 - 70 PSI
Thickness
3 mils
MIL-STD-3010 1003
Silicone or Amine Content
Not detected
FTIR
Open Top
ZipTop
Material Structure
SCC 1000 open top and ZipTop static shielding
bags are manufactured from industry approved
Polyester/Metal/Polyethylene laminates. The
polyester dielectric in concert with the metal
layer provide Faraday Effect shielding of an
Electrostatic Discharge (ESD). The metal layer
prevents the penetration of damaging electro-
static fields. Tribocharging is minimized by the
specially processed polyethylene.
STATIC DISSIPATIVE
COATING
POLYESTER
ALUMINUM SHIELD
STATIC
DISSIPATIVE
POLYETHYLENE
See 3M Data Sheets for these related items:
Static Warning Labels
Heat Sealer
3M is a trademark of 3M Company.
All other trademarks herein are the property
of their respective owners.
3M Electronic Solutions Division
6801 River Place Blvd
Austin, TX 78726-9000
US and Canada: 866-722-3736
Fax: 866-722-3735
Intl: 919-718-0000; Fax: 919-774-8174
email: 3Mstaticinfo@mmm.com; www.3Mstatic.com
© 3M 2011. All rights reserved.
Important Notice
All statements, technical information, and recommendations related to
3M’s products are based on information believed to be reliable, but the
accuracy or completeness is not guaranteed. Before using this prod-
uct, you must evaluate it and determine if it is suitable for your intend-
ed application. You assume all risks and liability associated with such
use. Any statements related to the product which are not contained in
3M’s current publications, or any contrary statements contained on
your purchase order shall have no force or effect unless expressly
agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture
for one year from the date of purchase. 3M MAKES NO OTHER WAR-
RANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WAR-
RANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE. If this product is defective within the warranty period stat-
ed above, your exclusive remedy shall be, at 3M’s option, to replace or
repair the 3M product or refund the purchase price of the 3M product.
Except where prohibited by law, 3M will not be liable for any indi-
rect, special, incidental or consequential loss or damage arising
from this 3M product, regardless of the legal theory asserted.
*This product is not on the Qualified Product Listing under the
Defense Standardization Program.


Similar Part No. - 100430

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
100430 FESTO-100430 Datasheet
78Kb / 1P
Sender nozzle
logo
PHOENIX CONTACT
1004300 PHOENIX-1004300 Datasheet
172Kb / 4P
ECS-PCB - PCB
1004301 PHOENIX-1004301 Datasheet
241Kb / 7P
AI 6 -12 BK -1000 - Ferrule
1004306 PHOENIX-1004306 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 100430

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30058 3M-30058 Datasheet
67Kb / 2P
STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
D2746 3M-D2746 Datasheet
203Kb / 2P
How To Specify a 3M™ Static Shielding or Moist ure Barrier Bag
logo
List of Unclassifed Man...
13080 ETC2-13080 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13090 ETC2-13090 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030" (.0762mm)
13445 ETC2-13445 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13510 ETC2-13510 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
48514 ETC2-48514 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
48515 ETC2-48515 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com