Electronic Components Datasheet Search
  English  ▼

X  

PDTC143EE Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTC143EE
Description  NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EE Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC143EE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistor (RET) family in Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTC143E series
NPN resistor-equipped transistors;
R1 = 4.7 k
, R2 = 4.7 k
Rev. 10 — 8 December 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
Package
configuration
NXP
JEITA
JEDEC
PDTC143EE
SOT416
SC-75
-
PDTA143EE
ultra small
PDTC143EM
SOT883
SC-101
-
PDTA143EM
leadless ultra small
PDTC143ET
SOT23
-
TO-236AB PDTA143ET
small
PDTC143EU
SOT323
SC-70
-
PDTA143EU
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
 Digital applications in automotive and
industrial segments
 Cost-saving alternative for BC847/857
series in digital applications
 Control of IC inputs
 Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com