Electronic Components Datasheet Search
  English  ▼

X  

AP10P03BF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP10P03BF
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP10P03BF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP10P03BF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP10P03BF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP10P03BF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP10P03BF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP10P03BF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP10P03BF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP10P03BF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP10P03BF
-30V P-Channel Enhancement Mode MOSFET
AP10P03BF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
-30
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current TJ=25°C
VDS = -30V, VGS = 0V
-
-
-1
μA
Zero Gate Voltage Drain Current TJ=100°C
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250µA
-1
-1.5
-2.5
V
RDS(on)
Drain-Source on-Resistance4
VGS = -10V, ID = -5A
-
17
25
VGS = -4.5V, ID = -3A
-
25
32
mΩ
gfs
Forward Transconductance4
VDS = -10V, ID = -5A
-
13
-
S
Ciss
Input Capacitance
VDS = -15V, VGS =0V,
f =1MHz
-
1005
-
pF
Coss
Output Capacitance
-
137
-
Crss
Reverse Transfer Capacitance
-
113
-
RG
Gate Resistance
f =1MHz
-
10
-
Ω
Qg
Total Gate Charge
VGS = -10V, VDS = -15V,
ID= -5A
-
20
-
nC
Qgs
Gate-Source Charge
-
3
-
Qgd
Gate-Drain Charge
-
5.5
-
td(on)
Turn-on Delay Time
VGS = -10V, VDD = -15V,
ID= -5A, RG= 3Ω
-
7.5
-
ns
tr
Rise Time
-
16
-
td(off)
Turn-off Delay Time
-
49
-
tf
Fall Time
-
32
-
trr
Body Diode Reverse Recovery Time
IF = -5A, dIF/dt = 100A/µs
-
21
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
12.5
-
nC
VSD
Diode Forward Voltage4
IS = -5A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current
TA=25°C
-
-
-7
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com