Electronic Components Datasheet Search
  English  ▼

X  

SN75DP129 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75DP129 Datasheet HTML 5Page - Texas Instruments SN75DP129 Datasheet HTML 6Page - Texas Instruments SN75DP129 Datasheet HTML 7Page - Texas Instruments SN75DP129 Datasheet HTML 8Page - Texas Instruments SN75DP129 Datasheet HTML 9Page - Texas Instruments SN75DP129 Datasheet HTML 10Page - Texas Instruments SN75DP129 Datasheet HTML 11Page - Texas Instruments SN75DP129 Datasheet HTML 12Page - Texas Instruments SN75DP129 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
Hot Plug and Cable Adapter Detect
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
DP129
100kW
HPDInput
HPDOutput
100kW
tPD(HPD)
50%
50%
5V
0V
VDD
0V
HPD_IN
HPD_OUT
AUX / I
2C Pins
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
The SN75DP129 has a built-in level shifter for the HPD outputs. The output voltage level of the HPD pin is
defined by the voltage level of the VDD pin.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH3.3
IOH = –100 µA, VDD×1 = 3.3 V
3
3.3
V
VOH2.5
High-level output voltage
IOH = –100 A, VDD×1 = 2.5 V
2.25
2.5
V
VOH1.8
IOH = –100 A, VDD×1 = 1.8 V
1.62
1.8
V
VOL
Low-level output voltage
IOH = 100 µA
0
0.4
V
IH
High-level input current
VIH = 2.0 V, VDD = 3.6 V
–10
10
µA
IL
Low-level input current
VIL = 0.8 V, VDD = 3.6 V
–10
10
µA
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD(HPD)
Propagation delay
VDD = 3.6 V
5
30
ns
Figure 6. HPD Test Circuit
Figure 7. HPD Timing Diagram
The SN75DP129 utilizes an active I2C repeater. The repeater isolates the parasitic effects of the system to aid
with system level compliance.
In addition to the I2C repeater, the SN75DP129 supports the connector detection I2C register. This register is
enabled using the I2C_EN pin. When active, an internal memory register is readable using the AUX_I2C pins.
This I2C register block functionality is described in the APPLICATION INFORMATION section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com